Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3440 Datasheet(PDF) 10 Page - Semtech Corporation

Part # GS3440
Description  Extended Reach 3G/HD/SD Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3440 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button GS3440 Datasheet HTML 6Page - Semtech Corporation GS3440 Datasheet HTML 7Page - Semtech Corporation GS3440 Datasheet HTML 8Page - Semtech Corporation GS3440 Datasheet HTML 9Page - Semtech Corporation GS3440 Datasheet HTML 10Page - Semtech Corporation GS3440 Datasheet HTML 11Page - Semtech Corporation GS3440 Datasheet HTML 12Page - Semtech Corporation GS3440 Datasheet HTML 13Page - Semtech Corporation GS3440 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
GS3440 Adaptive Cable Equalizer
Final Data Sheet
Rev. 2
December 2012
10 of 23
Proprietary and Confidential
Duty cycle distortion
–
SD/HD/3G
––
30
ps
–
Overshoot
–
–
–
–
10
%
–
Input Return Loss
–
5MHz - 1.485GHz
15
–
–
dB–
–
1.485GHz - 2.97GHz
10
–
–
dB–
Input Resistance–
single-ended
–1.9
–
k
Ω
–
Input Capacitance–
single-ended
–1.3
–
pF
–
Output Resistance–
single-ended
–50–
Ω
–
Notes:
1. Device performance is optimized for standard data rates (SD = 270Mb/s, HD = 1.485Gb/s, 3G = 2.970Gb/s)
2. 0m cable length.
3. All parts are production tested. In order to guarantee jitter over the full range of specification (VCC_A = 3.3V ±5%, TA = -40°C to +85°C, and
720-880mVpp launch swing from the SDI cable driver) the recommended applications circuit must be used.
4. Based on validation data using the recommended applications circuit, at VCC_A = 3.3V, TA = -40°C to +85°Cand 800mVpp launch swing from
the SDI cable driver.
5. GAIN_SEL = 0.
Table 2-3: AC Electrical Characteristics (Continued)
VCC_A = +3.3V ±5%, TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com