Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3440 Datasheet(PDF) 16 Page - Semtech Corporation

Part # GS3440
Description  Extended Reach 3G/HD/SD Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3440 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button GS3440 Datasheet HTML 12Page - Semtech Corporation GS3440 Datasheet HTML 13Page - Semtech Corporation GS3440 Datasheet HTML 14Page - Semtech Corporation GS3440 Datasheet HTML 15Page - Semtech Corporation GS3440 Datasheet HTML 16Page - Semtech Corporation GS3440 Datasheet HTML 17Page - Semtech Corporation GS3440 Datasheet HTML 18Page - Semtech Corporation GS3440 Datasheet HTML 19Page - Semtech Corporation GS3440 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
GS3440 Adaptive Cable Equalizer
Final Data Sheet
Rev. 2
December 2012
16 of 23
Proprietary and Confidential
When muted, the output swing is set to 425mVppd and the outputs are latched.
Automatic muting of the output can be enabled by connecting the CD pin to the OP_CTL pin.
If the connection is made directly, as shown in Figure 4-1, the output would be in its default
mode (850mVppd swing with no de-emphasis) when there is signal present.
Figure 4-1: Direct Loopback
To enable automatic muting while the output is configured for other settings, a resistor
network should be used between CD and VCC_A. The intermediate voltages of this resistor
ladder can set the output to any one of the nine different settings as shown in Figure 4-2 and
Figure 4-3.
In Figure 4-2, the automatic muting of the output is established by connecting node 3 to the
OP_CTL pin. In this scenario, the output would be 850mVppd with 6dB of de-emphasis when
there is a signal present.
In Figure 4-3, the OP_CTL pin is connected to node 4. In this scenario, the output would be
425mVppd with no de-emphasis when there is a signal present.
In both cases, the output would be muted when no carrier is detected.
Note:
When the device is in SLEEP mode, automatic muting and SQ_ADJ do not function.
Asserting the SLEEP pin manually overrides all other functionality.
Figure 4-2: Resistor Divider Loopback Example #1
(Function Level 3 from Table 4-5)
Figure 4-3: Resistor Divider Loopback Example #2
(Function Level 4 from Table 4-5)
VCC_A
1K 1K 1K 1K 1K 1K 1K 1K 2.6K
01
2
3
4
5
67
8
Levels
Taps
VCC_A
1K 1K 1K 1K 1K 1K 1K 1K 2.6K
01
2
3
4
5
67
8
Levels
Taps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com