Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3440 Datasheet(PDF) 15 Page - Semtech Corporation

Part # GS3440
Description  Extended Reach 3G/HD/SD Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3440 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button GS3440 Datasheet HTML 11Page - Semtech Corporation GS3440 Datasheet HTML 12Page - Semtech Corporation GS3440 Datasheet HTML 13Page - Semtech Corporation GS3440 Datasheet HTML 14Page - Semtech Corporation GS3440 Datasheet HTML 15Page - Semtech Corporation GS3440 Datasheet HTML 16Page - Semtech Corporation GS3440 Datasheet HTML 17Page - Semtech Corporation GS3440 Datasheet HTML 18Page - Semtech Corporation GS3440 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
GS3440 Adaptive Cable Equalizer
Final Data Sheet
Rev. 2
December 2012
15 of 23
Proprietary and Confidential
4.6 GAIN_SEL
The GS3440 has an option of compensating for 6dB of flat attenuation prior to the
equalizer.
4.7 Adjustable Output Swing, De-Emphasis and Mute
The OP_CTL input pin determines the output swing and de-emphasis settings for DDO
and DDO.
The OP_CTL pin is an analog input, allowing different combinations of output swing,
de-emphasis and mute. The possible values are listed in Table 4-5.
Table 4-3: CD Output Table
CD
Input Status
0Valid Input on SDI, SDI pins
1
Input is not valid
Table 4-4: GAIN_SEL Input Table
GAIN_SEL
Function
0No flat band gain is applied.
1
6dB of flat attenuation will be
compensated by the device.
Table 4-5: OP_CTL Functions and Levels
Level
Swing
De-emphasis
Mute
Voltage (V)
0850mVppd
Off
N
0.000 - 0.083
1850mVppd
2dB
N
0.234 - 0.394
2850mVppd
4dB
N
0.545 - 0.704
3850mVppd
6dB
N
0.856 - 1.015
4425mVppd
Off
N
1.166 - 1.333
5425mVppd
2dB
N
1.484 - 1.644
6
425mVppd
4dB
N
1.795 - 1.954
7425mVppd
6dB
N
2.106 - 2.265
8425mVppd
N/A
Y
2.416 - 2.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com