Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3440 Datasheet(PDF) 19 Page - Semtech Corporation

Part # GS3440
Description  Extended Reach 3G/HD/SD Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3440 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button GS3440 Datasheet HTML 15Page - Semtech Corporation GS3440 Datasheet HTML 16Page - Semtech Corporation GS3440 Datasheet HTML 17Page - Semtech Corporation GS3440 Datasheet HTML 18Page - Semtech Corporation GS3440 Datasheet HTML 19Page - Semtech Corporation GS3440 Datasheet HTML 20Page - Semtech Corporation GS3440 Datasheet HTML 21Page - Semtech Corporation GS3440 Datasheet HTML 22Page - Semtech Corporation GS3440 Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
GS3440 Adaptive Cable Equalizer
Final Data Sheet
Rev. 2
December 2012
19 of 23
Proprietary and Confidential
6. Package & Ordering Information
6.1 Package Dimensions
6.2 Packaging Data
4.00
A
B
C
DATUM A
DATUM B
2.60±0.10
0.10 M CA B
0.10 M CA B
DETAIL A
0.30@45°
R0.30 (3x)
PIN 1 AREA
0.15 C
0.15 C
0.10 C
0.08 C
16X
SEATING PLANE
2X
2X
0.10 M CA B
0.05 M C
0.40±0.05
0.30±0.05
DATUM A OR B
16X
DETAIL A (SCALE 3:1)
NOTES:
1. DIMENSIONING AND TOLERANCE IS IN CONFORMANCE TO ASME Y14.5-1994
ALL DIMENSIONS ARE IN MILLIMETERS ° IN DEGREES
2. DIMENSION OF LEAD WIDTH APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.15mm AND 0.30mm
FROM THE TERMINAL TIP (BOTH ROWS). IF THE TERMINAL HAS OPTIONAL RADIUS ON THE END OF THE TERMINAL,
THE LEAD WIDTH DIMENSION SHOULD NOT BE MEASURED IN THAT RADIUS AREA
Parameter
Value
Package Type
4mm x 4mm 16-pin QFN
Package Drawing Reference
JEDEC M0220
Moisture Sensitivity Level
1
Junction to Case Thermal Resistance,
θj-c
31.0°C/W
Junction to Air Thermal Resistance,
θj-a (at zero airflow)
43.8°C/W
Psi,
ψ
11.0°C/W
Pb-free and RoHS compliant
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com