Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F016SA Datasheet(PDF) 17 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 17 Page - Intel Corporation

Back Button 28F016SA Datasheet HTML 13Page - Intel Corporation 28F016SA Datasheet HTML 14Page - Intel Corporation 28F016SA Datasheet HTML 15Page - Intel Corporation 28F016SA Datasheet HTML 16Page - Intel Corporation 28F016SA Datasheet HTML 17Page - Intel Corporation 28F016SA Datasheet HTML 18Page - Intel Corporation 28F016SA Datasheet HTML 19Page - Intel Corporation 28F016SA Datasheet HTML 20Page - Intel Corporation 28F016SA Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
E
28F016SA
17
NOTES:
1.
RA can be the GSR address or any BSR address. See Figures 5 and 6 for Extended Status Register Memory Maps.
2.
Upon device power-up, all BSR lock-bits come up locked. The Upload Status Bits command must be written to reflect the
actual lock-bit status.
3.
A0 is automatically complemented to load the second byte of data. BYTE# must be at VIL.
The A0 value determines which WD/BC is supplied first: A0 = 0 looks at the WDL/BCL, A0 = 1 looks at the WDH/BCH.
4.
BCH/WCH must be at 00H for this product because of the 256-byte (128-word) Page Buffer size and to avoid writing the
Page Buffer contents into more than one 256-byte segment within an array block. They are simply shown for future Page
Buffer expandability.
5.
In x16 mode, only the lower byte DQ0–7 is used for WCL and WCH. The upper byte DQ8–15 is a don’t care.
6.
PBA and PD (whose count is given in cycles 2 and 3) are supplied starting in the fourth cycle, which is not shown.
7.
This command allows the user to swap between available Page Buffers (0 or 1).
8.
These commands reconfigure the RY/BY# output to one of two pulse-modes or enable and disable the RY/BY# function.
9.
Program address, PA, is the destination address in the flash array which must match the source address in the Page
Buffer. Refer to the
16-Mbit Flash Product Family User’s Manual.
10. BCL = 00H corresponds to a byte count of 1. Similarly, WCL = 00H corresponds to a word count of 1.
11. To ensure that the 28F016SA’s power consumption during sleep mode reaches the deep power-down current level, the
system also needs to de-select the chip by taking either or both CE0# or CE1# high.
12. The upper byte of the data bus (DQ8–15) during command writes is a “Don’t Care” in x16 operation of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com