Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F016SA Datasheet(PDF) 26 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 26 Page - Intel Corporation

Back Button 28F016SA Datasheet HTML 22Page - Intel Corporation 28F016SA Datasheet HTML 23Page - Intel Corporation 28F016SA Datasheet HTML 24Page - Intel Corporation 28F016SA Datasheet HTML 25Page - Intel Corporation 28F016SA Datasheet HTML 26Page - Intel Corporation 28F016SA Datasheet HTML 27Page - Intel Corporation 28F016SA Datasheet HTML 28Page - Intel Corporation 28F016SA Datasheet HTML 29Page - Intel Corporation 28F016SA Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
28F016SA
E
26
5.4
DC Characteristics: COMMERCIAL AND EXTENDED TEMPERATURE
Vcc = 3.3V ±10%, TA = 0°C to +70°C, –40°C to +85°C
3/5# = Pin Set High for 3.3V Operations
Temp
Comm
Extended
Sym
Parameter
Notes
Typ
Max
Typ
Max
Units
Test Conditions
IIL
Input Load Current
1
± 1
± 1
µA
VCC = VCC Max
VIN = VCC or GND
ILO
Output Leakage
Current
1
± 10
± 10
µA
VCC = VCC Max
VIN = VCC or GND
ICCS
VCC Standby
Current
1,5,6
50
100
70
250
µA
VCC = VCC Max
CE0#, CE1#, RP#, = VCC
±
0.2V
BYTE#, WP#, 3/5# = VCC
± 0.2V or GND ± 0.2V
14
1
10
mA
VCC = VCC Max
CE0#, CE1#, RP# = VIH
BYTE#, WP#, 3/5# = VIH
or VIL
ICCD
VCC Deep Power-
Down Current
11
5
335
µA
RP# = GND
± 0.2V
BYTE# = GND ± 0.2V or
VCC
± 0.2V
ICCR1VCC Read Current
1,4,5
30
35
30
40
mA
VCC = VCC Max
CMOS: CE0#, CE1# =
GND ± 0.2V, BYTE# =
GND ± 0.2V or VCC
±
0.2V, Inputs = GND ±
0.2V or VCC
± 0.2V
TTL: CE0#, CE1# = VIL,
BYTE# = VIL or VIH,
Inputs = VIL or VIH
f = 8 MHz, IOUT = 0 mA
ICCR2VCC Read Current
1,4,5
15
20
15
25
mA
VCC = VCC Max
CMOS: CE0#, CE1# =
GND ± 0.2V, BYTE# =
GND ± 0.2V or VCC
±
0.2V,
Inputs = GND ±
0.2V or VCC
± 0.2V
TTL: CE0#, CE1# = VIL,
BYTE# = VIL or VIH,
Inputs = VIL or VIH
f = 4 MHz, IOUT = 0 mA
ICCW
VCC Program Current
for Word or Byte
1
8
12
8
12
mA
Program in Progress
ICCE
VCC Block Erase
Current
1
6
12
6
12
mA
Block Erase in Progress
ICCES
VCC Erase Suspend
Current
1,2
3
6
3
6
mA
CE0#, CE1# = VIH
Block Erase Suspended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com