Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F016SA Datasheet(PDF) 42 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 42 Page - Intel Corporation

Back Button 28F016SA Datasheet HTML 38Page - Intel Corporation 28F016SA Datasheet HTML 39Page - Intel Corporation 28F016SA Datasheet HTML 40Page - Intel Corporation 28F016SA Datasheet HTML 41Page - Intel Corporation 28F016SA Datasheet HTML 42Page - Intel Corporation 28F016SA Datasheet HTML 43Page - Intel Corporation 28F016SA Datasheet HTML 44Page - Intel Corporation 28F016SA Datasheet HTML 45Page - Intel Corporation 28F016SA Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
28F016SA
E
42
5.9
AC Characteristics for CE#–Controlled Command Write Operations:
COMMERCIAL AND EXTENDED TEMPERATURE(1)
VCC = 3.3V ±10%, TA = 0
°C to +70°C, -40°C to +85°C
Temp
Commercial
Comm/Ext
Sym
Parameter
Speed
-120
-150
Unit
Notes
Min
Typ
Max
Min
Typ
Max
tAVAV
Write Cycle Time
120
150
ns
tVPEH
VPP Setup to CE# Going High
3
100
100
ns
tPHWL
RP# Setup to WE# Going Low
480
480
ns
tWLEL
WE# Setup to CE# Going Low
0
0
ns
tAVEH
Address Setup to CE# Going
High
2,6
75
75
ns
tDVEH
Data Setup to CE# Going High
2,6
75
75
ns
tELEH
CE# Pulse Width
75
75
ns
tEHDX
Data Hold from CE# High
2
10
10
ns
tEHAX
Address Hold from CE# High
2
10
10
ns
tEHWH
WE Hold from CE# High
10
10
ns
tEHEL
CE# Pulse Width High
45
75
ns
tGHEL
Read Recovery before Write
0
0
ns
tEHRL
CE# High to RY/BY# Going Low
100
100
ns
tRHPL
RP# Hold from Valid Status
Register (CSR, GSR, BSR)
Data and RY/BY# High
30
0
ns
tPHEL
RP# High Recovery to CE#
Going Low
11
µs
tEHGL
Write Recovery before Read
95
120
ns
tQVVL
VPP Hold from Valid Status
Register (CSR, GSR, BSR)
Data and RY/BY# High
00
µs
tEHQV1
Duration of Word/Byte Program
Operation
4,5
5
9
Note
7
5
9
Note
7
µs
tEHQV2
Duration of Block Erase
Operation
4
0.3
10
0.3
10
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com