Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F016SA Datasheet(PDF) 35 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 35 Page - Intel Corporation

Back Button 28F016SA Datasheet HTML 31Page - Intel Corporation 28F016SA Datasheet HTML 32Page - Intel Corporation 28F016SA Datasheet HTML 33Page - Intel Corporation 28F016SA Datasheet HTML 34Page - Intel Corporation 28F016SA Datasheet HTML 35Page - Intel Corporation 28F016SA Datasheet HTML 36Page - Intel Corporation 28F016SA Datasheet HTML 37Page - Intel Corporation 28F016SA Datasheet HTML 38Page - Intel Corporation 28F016SA Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
E
28F016SA
35
HIGH Z
HIGH Z
ADDRESSES STABLE
VALID OUTPUT
V
IH
V
IL
V
IH
V IL
VIH
V
IL
V
IH
VCC
GND
5.0V
V
IH
VIL
t
t
t
t
t
PHQV
AVQV
GLQV
ELQV
tGLQX
t
ELQX
t
AVAV
t
EHQZ
t GHQZ
OH
ADDRESSES (A)
OE# (G)
WE# (W)
DATA (D/Q)
RP# (P)
V
OL
t
AVGL
t AVEL
CEx# (E)
(1)
V
IL
VOH
0489_11
NOTE:
1.
CEX# is defined as the latter of CE0# or CE1# going low or the first of CE0# or CE1# going high.
Figure 12. Read Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com