Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80C187 Datasheet(PDF) 8 Page - Intel Corporation

Part # 80C187
Description  80-BIT MATH COPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C187 Datasheet(HTML) 8 Page - Intel Corporation

Back Button 80C187 Datasheet HTML 4Page - Intel Corporation 80C187 Datasheet HTML 5Page - Intel Corporation 80C187 Datasheet HTML 6Page - Intel Corporation 80C187 Datasheet HTML 7Page - Intel Corporation 80C187 Datasheet HTML 8Page - Intel Corporation 80C187 Datasheet HTML 9Page - Intel Corporation 80C187 Datasheet HTML 10Page - Intel Corporation 80C187 Datasheet HTML 11Page - Intel Corporation 80C187 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
80C187
The low-order byte of this control word configures
exception masking Bits 5 – 0 of the control word
contain individual masks for each of the six excep-
tions that the 80C187 recognizes
The high-order byte of the control word configures
the 80C187 operating mode including precision
rounding and infinity control
 The ‘‘infinity control bit’’ (bit 12) is not meaningful
to the 80C187 and programs must ignore its val-
ue To maintain compatibility with the 8087 this
bit can be programmed however regardless of
its value the 80C187 always treats infinity in the
affine sense (b % k a %) This bit is initialized
to zero both after a hardware reset and after the
FINIT instruction
 The rounding control (RC) bits (bits 11–10) pro-
vide for directed rounding and true chop as well
as the unbiased round to nearest even mode
specified in the IEEE standard Rounding control
affects only those instructions that perform
rounding at the end of the operation (and thus
can generate a precision exception) namely
FST FSTP FIST all arithmetic instructions (ex-
cept FPREM FPREM1 FXTRACT FABS and
FCHS) and all transcendental instructions
 The precision control (PC) bits (bits 9–8) can be
used to set the 80C187 internal operating preci-
sion of the significand at less than the default of
64 bits (extended precision) This can be useful in
providing compatibility with early generation arith-
metic processors of smaller precision PC affects
only the instructions ADD SUB DIV MUL and
SQRT For all other instructions either the preci-
sion is determined by the opcode or extended
precision is used
Table 3 Condition Code Interpretation after FPREM and FPREM1 Instructions
Condition Code
Interpretation after
C2
C3
C1
C0
FPREM and FPREM1
Incomplete Reduction
1
X
X
X
Further Iteration Required
for Complete Reduction
Q1
Q0
Q2
Q MOD 8
000
0
0
1
0
1
Complete Reduction
0
1
0
0
2
C0 C3 C1 Contain Three Least
1
1
0
3
Significant Bits of Quotient
001
4
011
5
101
6
111
7
Table 4 Condition Code Resulting from Comparison
Order
C3
C2
C0
TOP l Operand
0
0
0
TOP k Operand
0
0
1
TOP e Operand
1
0
0
Unordered
1
1
1
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com