Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80C187 Datasheet(PDF) 22 Page - Intel Corporation

Part # 80C187
Description  80-BIT MATH COPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C187 Datasheet(HTML) 22 Page - Intel Corporation

Back Button 80C187 Datasheet HTML 18Page - Intel Corporation 80C187 Datasheet HTML 19Page - Intel Corporation 80C187 Datasheet HTML 20Page - Intel Corporation 80C187 Datasheet HTML 21Page - Intel Corporation 80C187 Datasheet HTML 22Page - Intel Corporation 80C187 Datasheet HTML 23Page - Intel Corporation 80C187 Datasheet HTML 24Page - Intel Corporation 80C187 Datasheet HTML 25Page - Intel Corporation 80C187 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
80C187
AC Characteristics
TC e 0 Cto a85 C VCC e 5V g10%
All timings are measured at 15V unless otherwise specified
125 MHz
16 MHz
Test
Symbol
Parameter
Min
Max
Min
Max
Conditions
(ns)
(ns)
(ns)
(ns)
Tdvwh (t6)
Data Setup to NPWR
43
33
Twhdx (t7)
Data Hold from NPWR
14
14
Trlrh (t8)
NPRD Active Time
59
54
Twlwh (t9)
NPWR Active Time
59
54
Tavwl (t10)
Command Valid to NPWR
00
Tavrl (t11)
Command Valid to NPRD
00
Tmhrl (t12)
Min Delay from PEREQ Active
40
30
to NPRD Active
Twhax (t18)
Command Hold from NPWR
12
8
Trhax (t19)
Command Hold from NPRD
12
8
Tivcl (t20)
NPRD NPWR RESET to
46
38
Note 1
CLK Setup Time
Tclih (t21)
NPRD NPWR RESET from
26
18
Note 1
CLK Hold Time
Trscl (t24)
RESET to CLK Setup
21
19
Note 1
Tclrs (t25)
RESET from CLK Hold
14
9
Note 1
Tcmdi (t26)
Command Inactive Time
Write to Write
69
59
Read to Read
69
59
Read to Write
69
59
Write to Read
69
59
NOTE
1 This is an asynchronous input This specification is given for testing purposes only to assure recognition at a specific CLK
edge
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com