Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80C187 Datasheet(PDF) 23 Page - Intel Corporation

Part # 80C187
Description  80-BIT MATH COPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C187 Datasheet(HTML) 23 Page - Intel Corporation

Back Button 80C187 Datasheet HTML 19Page - Intel Corporation 80C187 Datasheet HTML 20Page - Intel Corporation 80C187 Datasheet HTML 21Page - Intel Corporation 80C187 Datasheet HTML 22Page - Intel Corporation 80C187 Datasheet HTML 23Page - Intel Corporation 80C187 Datasheet HTML 24Page - Intel Corporation 80C187 Datasheet HTML 25Page - Intel Corporation 80C187 Datasheet HTML 26Page - Intel Corporation 80C187 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
80C187
Timing Responses
All timings are measured at 15V unless otherwise specified
125 MHz
16 MHz
Test
Symbol
Parameter
Min
Max
Min
Max
Conditions
(ns)
(ns)
(ns)
(ns)
Trhqz (t27)
NPRD Inactive to Data Float
18
18
Note 2
Trlqv (t28)
NPRD Active to Data Valid
50
45
Note 3
Tilbh (t29)
ERROR Active to Busy Inactive
104
104
Note 4
Twlbv (t30)
NPWR Active to Busy Active
80
60
Note 4
Tklml (t31)
NPRD or NPWR Active
80
60
Note 5
to PEREQ Inactive
Trhqh (t32)
Data Hold from NPRD Inactive
2
2
Note 3
Trlbh (t33)
RESET Inactive to BUSY Inactive
80
60
NOTES
The data float delay is not tested
2 The float condition occurs when the measured output current is less than IOL on D15–D0
3 D15–D0 loading CL e 100 pF
4 BUSY loading CL e 100 pF
5 On last data transfer of numeric instruction
Clock Timings
125 MHz
16 MHz
Test
Symbol
Parameter
Min
Max
Min
Max
Conditions
(ns)
(ns)
(ns)
(ns)
Tclcl
(t1a)
CLK Period
CKM e 1
80
250
NA
NA
Note 6
(t1B)
CKM e 0
40
125
3125
125
Note 6
Tclch
(t2a)
CLK Low Time
CKM e 1
35
NA
Note 6
(t2b)
CKM e 0
9
7
Note 7
Tchcl
(t3a)
CLK High Time
CKM e 1
35
NA
Note 6
(t3b)
CKM e 0
13
9
Note 8
Tch2ch1(t4)
10
8
Note 9
Tch1ch2(t5)
10
8
Note 10
NOTES
16 MHz operation is available only in divide-by-2 mode (CKM strapped LOW)
6 At 15V
7 At 08V
8 At 20V
9 CKM e 1 37V to 08V at 16 MHz 35V to 10V at 125 MHz
10 CKM e 1 08V to 37V at 16 MHz 10V to 35V at 125 MHz
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com