| Electronic Components Datasheet Search |
|
80C187 Datasheet(PDF) 7 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80C187 Datasheet(HTML) 7 Page - Intel Corporation |
|
7 / 30 page ![]() 80C187 CONTROL WORD The NPX provides several processing options that are selected by loading a control word from memory into the control register Figure 5 shows the format and encoding of fields in the control word Table 2 Condition Code Interpretation Instruction C0(S) C3(Z) C1(A) C2(C) FPREM FPREM1 Three Least Significant Reduction (See Table 3) Bits of Quotient 0 e Complete Q2 Q0 Q1 1 e Incomplete or OU FCOM FCOMP FCOMPP FTST Result of Comparison Zero or Operand is not FUCOM FUCOMP (See Table 4) OU Comparable (Table 4) FUCOMPP FICOM FICOMP FXAM Operand Class Sign Operand Class (See Table 5) or OU (Table 5) FCHS FABS FXCH FINCSTP FDECSTP Constant Loads UNDEFINED Zero UNDEFINED FXTRACT FLD or OU FILD FBLD FSTP (Ext Real) FIST FBSTP FRNDINT FST FSTP FADD FMUL UNDEFINED Roundup UNDEFINED FDIV FDIVR or OU FSUB FSUBR FSCALE FSQRT FPATAN F2XM1 FYL2X FYL2XP1 FPTAN FSIN UNDEFINED Roundup Reduction FCOS FSINCOS or OU 0 e Complete Undefined 1 e Incomplete if C2 e 1 FLDENV FRSTOR Each Bit Loaded from Memory FLDCW FSTENV FSTCW FSTSW UNDEFINED FCLEX FINIT FSAVE OU When both IE and SF bits of status word are set indicating a stack exception this bit distinguishes between stack overflow (C1 e 1) and underflow (C1 e 0) Reduction If FPREM or FPREM1 produces a remainder that is less than the modulus reduction is complete When reduction is incomplete the value at the top of the stack is a partial remainder which can be used as input to further reduction For FPTAN FSIN FCOS and FSINCOS the reduction bit is set if the operand at the top of the stack is too large In this case the original operand remains at the top of the stack Roundup When the PE bit of the status word is set this bit indicates whether one was added to the least significant bit of the result during the last rounding UNDEFINED Do not rely on finding any specific value in these bits 7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |