Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80C187 Datasheet(PDF) 29 Page - Intel Corporation

Part # 80C187
Description  80-BIT MATH COPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C187 Datasheet(HTML) 29 Page - Intel Corporation

Back Button 80C187 Datasheet HTML 22Page - Intel Corporation 80C187 Datasheet HTML 23Page - Intel Corporation 80C187 Datasheet HTML 24Page - Intel Corporation 80C187 Datasheet HTML 25Page - Intel Corporation 80C187 Datasheet HTML 26Page - Intel Corporation 80C187 Datasheet HTML 27Page - Intel Corporation 80C187 Datasheet HTML 28Page - Intel Corporation 80C187 Datasheet HTML 29Page - Intel Corporation 80C187 Datasheet HTML 30Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
80C187
80C187 Extensions to the 80C186 Instruction Set
(Continued)
Encoding
Clock Count Range
Instruction
Byte
Byte
Optional
32-Bit
32-Bit
64-Bit
16-Bit
0
1
Bytes 2 – 3
Real
Integer
Real
Integer
CONSTANTS
(Continued)
FLDL2E e
Load log2(e) into ST(0)
ESC 001
1110 1010
42
FLDLG2 e
Load log10(2) into ST(0)
ESC 001
1110 1100
43
FLDLN2 e
Load loge(2) into ST(0)
ESC 001
1110 1101
43
ARITHMETIC
FADD e
Add
Integerreal memory with ST(0)
ESC MF 0
MOD 000 RM
DISP
44 – 52
77 – 92
65 – 73
77 – 91
ST(i) and ST(0)
ESCdP0
11000 ST(i)
25 – 33b
FSUB e
Subtract
Integerreal memory with ST(0)
ESC MF 0
MOD 10 R RM
DISP
44 – 52
77 – 92
65 – 73
77 – 91c
ST(i) and ST(0)
ESCdP0
1110 R RM
28 – 36d
FMUL e
Multiply
Integerreal memory with ST(0)
ESC MF 0
MOD 001 RM
DISP
47 – 57
81 – 102
68 – 93
82 – 93
ST(i) and ST(0)
ESCdP0
1100 1 RM
31 – 59e
FDIV e
Divide
Integerreal memory with ST(0)
ESC MF 0
MOD 11 R RM
DISP
108
140 – 147f
128
142 – 146g
ST(i) and ST(0)
ESCdP0
1111 R RM
90h
FSQRTi e
Square root
ESC 001
1111 1010
124 – 131
FSCALE e
Scale ST(0) by ST(1)
ESC 001
1111 1101
69 – 88
FPREM e
Partial remainder of
ST(0) d ST(1)
ESC 001
1111 1000
76 – 157
FPREM1 e
Partial remainder
(IEEE)
ESC 001
1111 0101
97 – 187
FRNDINT e
Round ST(0)
to integer
ESC 001
1111 1100
68 – 82
FXTRACT e
Extract components
of ST(0)
ESC 001
1111 0100
72 – 78
FABS e
Absolute value of ST(0)
ESC 001
1110 0001
24
FCHS e
Change sign of ST(0)
ESC 001
1110 0000
26 – 27
Shaded areas indicate instructions not available in 8087
NOTES
b Add 3 clocks to the range when d e 1
c Add 1 clock to each range when R e 1
d Add 3 clocks to the range when d e 0
e typical e 54 (When d e 0 48 – 56 typical e 51)
f Add 1 clock to the range when R e 1
g 153 – 159 when R e 1
h Add 3 clocks to the range when d e 1
i b0 s ST(0) s a %
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com