Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS82C85 Datasheet(PDF) 9 Page - Intersil Corporation

Part # CS82C85
Description  CMOS Static Clock Controller/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C85 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CS82C85 Datasheet HTML 5Page - Intersil Corporation CS82C85 Datasheet HTML 6Page - Intersil Corporation CS82C85 Datasheet HTML 7Page - Intersil Corporation CS82C85 Datasheet HTML 8Page - Intersil Corporation CS82C85 Datasheet HTML 9Page - Intersil Corporation CS82C85 Datasheet HTML 10Page - Intersil Corporation CS82C85 Datasheet HTML 11Page - Intersil Corporation CS82C85 Datasheet HTML 12Page - Intersil Corporation CS82C85 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
305
Clock Generator
The clock generator consists of two synchronous divide-by-
three counters with special clear inputs that inhibit the count-
ing. One counter generates a 33% duty cycle waveform
(CLK) and the other generates a 50% duty cycle waveform
(CLK50). These two counters are negative-edge synchro-
nized, with the low-going transitions of both waveforms
occurring on the same oscillator transition. The CLK and
CLK50 output frequencies are one-third of the base input
frequency when SLO/FST is high and are equal to the base
input frequency divided by 768 when SLO/FST is low.
The CLK output is a 33% duty cycle clock signal designed to
drive the 80C86 and 80C88 microprocessors directly.
CLK50 has a 50% duty cycle output synchronous with CLK,
designed to drive co-processors and peripherals requiring a
50% duty cycle clock. When SLO/FST is high, CLK and
CLK50 have output frequencies which are 1/3 that of EFI/
OSC. When SLO/FST is low, CLK and CLK50 have output
frequencies which are OSC (EFI) divided by 768.
PCLK is a peripheral clock signal with an output frequency
equal to the oscillator or EFI frequency divided by 6. PCLK
has a 50% duty cycle. PCLK is unaffected by SLO/FST.
When the 82C85 is placed in the STOP mode, PCLK will
remain in it’s current state (logic high or logic low) until a
RESET or START command restarts the 82C85 clock cir-
cuitry. PCLK is negative-edge synchronized with CLK and
CLK50.
Clock Synchronization
The clock synchronization (CSYNC) input allows the output
clocks to be synchronized with an external event (such as
another 82C85 or 82C84A clock signal). CSYNC going
active causes all clocks (CLK, CLK50 and PCLK) to stop in
the HIGH state.
It is necessary to synchronize the CSYNC input to the EFI
clock external to the 82C85. This is accomplished with two
flip-flops when synchronizing two 82C85s and with three flip-
flops when synchronizing an 82C85 to an 82C84A (See Fig-
ure 6). Multiple external flip-flops are necessary to minimize
the occurrence of metastable (or indeterminate) states.
Ready Synchronization
Two READY inputs (RDY1, RDY2) are provided to accom-
modate two system busses. Each READY input is qualified
by (AEN1 and AEN2, respectively). The AEN signals vali-
date their respective RDY signals.
Synchronization is required for all asynchronous active-
going edges of either RDY input to guarantee that the RDY
set up and hold times are met. Inactive-going edges of RDY
in normally ready systems do not require synchronization but
must satisfy RDY setup and hold as a matter of proper sys-
tem design.
The ASYNC input defines two modes of READY synchroni-
zation operation. When ASYNC is LOW, two stages of syn-
chronization are provided for active READY input signals.
Positive-going asynchronous READY inputs will first be syn-
chronized to flip-flop one at the rising edge of CLK (requiring
a setup time TR1VCH) and then synchronized to flip-flop two
at the next falling edge of CLK, after which time the READY
output will go HIGH.
Negative-going asynchronous READY inputs will be syn-
chronized directly to flip-flop two at the falling edge of CLK,
after which time the READY output will go inactive. This
mode of operation is intended for use by asynchronous (nor-
mally not ready) devices in the system which cannot be
guaranteed by design to meet the required RDY setup timing
(TR1VCL) on each bus cycle.
When ASYNC is high or left open, the first READY flip-flop is
bypassed in the READY synchronization logic. READY
inputs are synchronized by flip-flop two on the falling edge of
CLK before they are presented to the processor. This mode
is available for synchronous devices that can be guaranteed
to meet the required RDY setup time. ASYNC can be
changed on every bus cycle to select the appropriate mode
of synchronization for each device in the system.
EFI
82C85
CSYNC
CSYNC
82C84A
CSYNC WITH 82C85(s)
CLOCK
SYNC
EFI
DQ
>
↑
>
↑
>
↑
D
Q
Q
D
(TO OTHER
82C85s)
FIGURE 6. 82C85 AND 82C84A CSYNC SYNCHRONIZATION
METHODS
82C85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com