Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS82C85 Datasheet(PDF) 11 Page - Intersil Corporation

Part # CS82C85
Description  CMOS Static Clock Controller/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C85 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CS82C85 Datasheet HTML 7Page - Intersil Corporation CS82C85 Datasheet HTML 8Page - Intersil Corporation CS82C85 Datasheet HTML 9Page - Intersil Corporation CS82C85 Datasheet HTML 10Page - Intersil Corporation CS82C85 Datasheet HTML 11Page - Intersil Corporation CS82C85 Datasheet HTML 12Page - Intersil Corporation CS82C85 Datasheet HTML 13Page - Intersil Corporation CS82C85 Datasheet HTML 14Page - Intersil Corporation CS82C85 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
307
AC Electrical Specifications
VCC = 5V ±10%;TA = 0
oC to +70oC (C82C85);
TA = -40
oC to +85oC (I82C85);
TA = -55
oC to +125oC (M82C85)
SYMBOL
PARAMETER
LIMITS
UNITS
CONDITIONS
MIN
MAX
TIMING REQUIREMENTS
(1)
TEHEL
External Frequency HIGH Time
15
-
ns
90%-90% VIN, Note 1,
f = 25MHz
(2)
TELEH
External Frequency LOW Time
15
-
ns
10%-10% VIN, Note 1,
f = 25MHz
(3)
TELEL
EFI or Crystal Period
40
-
ns
Note 1
(4)
TEFIDC
External Frequency Input Duty Cycle
45
55
%
f = 25MHz, Note 1
(5)
Fx
Crystal Frequency
2.4
25
MHz
Note 1
(6)
TR1VCL
RDY1, RDY2 Active Setup to CLK
35
-
ns
ASYNC = HIGH
(7)
TR1VCH
RDY1, RDY2 Active Setup to CLK
35
-
ns
ASYNC = LOW
(8)
TR1VCL
RDY1, RDY2 Inactive Setup to CLK
35
-
ns
(9)
TCLR1X
RDY1, RDY2 Hold to CLK
0
-
ns
(10)
TAYVCL
ASYNC Setup to CLK
50
-
ns
(11)
TCLAYX
ASYNC Hold to CLK
0
-
ns
(12)
TA1VR1V
AEN1, AEN2 Setup to RDY1, RDY2
15
-
ns
(13)
TCLA1X
AEN1, AEN2 Hold to CLK
0
-
ns
(14)
TYHEH
CSYNC Setup to EFI
10
-
ns
(15)
TEHYL
CSYNC Hold to EFI
10
-
ns
(16)
TYHYL
CSYNC Pulse Width
2TELEL
-
ns
(17)
TI1HCL
RES Setup to CLK
65
-
ns
Note 2
(18)
TSVCH
S0, S1, S2/STOP Setup to CLK
35
-
ns
(19)
TCHSV
S0, S1, S2/STOP Hold to CLK
35
-
ns
(20)
TRSVCH
RES, START Setup to CLK
65
-
ns
Note 2
(21)
TSHSL
RES (Low) or START (High) Pulse Width
TCLCLs3
-
ns
(22)
TSFPC
SLO/FST Setup to PCLK
TEHEL + 100
-
ns
Note 2
(23)
TSTART
RES or START Valid to CLK Low
2TELEL + 2
-
ns
(24)
TSTOP
STOP Command Valid to CLK High
2TCHCH +
TRSVCH
3TCHCH
+ 34
ns
TCHCH = TCLCL
TIMING RESPONSES
(25)
TCLCL
CLK/CLK50 Cycle Period
125
-
ns
Note 1
(26)
TCHCL
CLK HIGH Time
(1/3 TCLCL)+2
-
ns
82C85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com