Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS82C85 Datasheet(PDF) 12 Page - Intersil Corporation

Part # CS82C85
Description  CMOS Static Clock Controller/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C85 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button CS82C85 Datasheet HTML 8Page - Intersil Corporation CS82C85 Datasheet HTML 9Page - Intersil Corporation CS82C85 Datasheet HTML 10Page - Intersil Corporation CS82C85 Datasheet HTML 11Page - Intersil Corporation CS82C85 Datasheet HTML 12Page - Intersil Corporation CS82C85 Datasheet HTML 13Page - Intersil Corporation CS82C85 Datasheet HTML 14Page - Intersil Corporation CS82C85 Datasheet HTML 15Page - Intersil Corporation CS82C85 Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
308
(27)
TCLCH
CLK LOW Time
(2/3 TCLCL)-15
-
ns
(28)
T5CHCL
CLK50 HIGH Time
(1/2 TCLCL)-7.5
-
ns
(29)
T5CLCH
CLK50 LOW Time
(1/2 TCLCL)-7.5
-
ns
(30)
TCH1CH2
CLK/CLK50 Rise Time
-
8
ns
1.0V to 3.5V
(31)
TCL2CL1
CLK/CLK50 Fall Time
-
8
ns
1.0V to 3.5V
(32)
TPHPL
PCLK HIGH Time
TCLCL-20
-
ns
(33)
TPLPH
PCLK LOW Time
TCLCL-20
-
ns
(34)
TRYLCL
Ready Inactive to CLK
-8
-
ns
Note 4
(35)
TRYHCH
Ready Active to CLK
2/3(TCLCL)-15
-
ns
Note 3
(36)
TCLIL
CLK to Reset Delay
-
40
ns
(37)
TCLPH
CLK to PCLK HIGH Delay
-
22
ns
(38)
TCLPL
CLK to PCLK LOW Delay
-
22
ns
(39)
TOST
Start/Reset Valid to Clock LOW
-
2
ms
Typ. - Note 8
(40)
TOLOH
Output Rise Time (except CLK)
-
15
ns
From 0.8V to 2.0V
(41)
TOHOL
Output Fall Time (except CLK)
-
12
ns
From 2.0V to 0.8V
(42)
TRST
RESET output HIGH Time
16 x TCLCL
-
ns
(43)
TCLC50L
CLK LOW to CLK50 LOW Skew
-
5
ns
NOTES:
1. Slow and Fast Modes.
2. Setup and hold necessary only to guarantee recognition at next clock.
3. Applies only to T3, TW states.
4. Applies only to T2 states.
5. All timing delays are measured at 1.5V unless otherwise noted.
6. Input signals must switch between VIL max - 0.4 and VIH min + 0.4 volts
7. Timing measurements made with EFI duty cycle = 50%.
8. Oscillator start up time depends on several factors including crystal frequency, crystal manufacturer, capacitive load, temperature, power
supply voltage, etc. This parameter is given for information only.
9. Output signals switch between VOH and VOL unless otherwise specified.
AC Electrical Specifications
VCC = 5V ±10%;TA = 0
oC to +70oC (C82C85);
TA = -40
oC to +85oC (I82C85);
TA = -55
oC to +125oC (M82C85)
(Continued)
SYMBOL
PARAMETER
LIMITS
UNITS
CONDITIONS
MIN
MAX
82C85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com