Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS82C85 Datasheet(PDF) 10 Page - Intersil Corporation

Part # CS82C85
Description  CMOS Static Clock Controller/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C85 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button CS82C85 Datasheet HTML 6Page - Intersil Corporation CS82C85 Datasheet HTML 7Page - Intersil Corporation CS82C85 Datasheet HTML 8Page - Intersil Corporation CS82C85 Datasheet HTML 9Page - Intersil Corporation CS82C85 Datasheet HTML 10Page - Intersil Corporation CS82C85 Datasheet HTML 11Page - Intersil Corporation CS82C85 Datasheet HTML 12Page - Intersil Corporation CS82C85 Datasheet HTML 13Page - Intersil Corporation CS82C85 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
306
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage . . . . . . . . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range
C82C85. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to +70oC
I82C85 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
M82C85 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Thermal Resistance (Typical)
θJA (oC/W) θJC (oC/W)
CERDIP Package . . . . . . . . . . . . . . . . .
70
16
CCC Package . . . . . . . . . . . . . . . . . . . .
75
18
PLCC Package . . . . . . . . . . . . . . . . . . .
65
N/A
Storage Temperature Range . . . . . . . . . . . . . . . . .-65oC to +150oC
Maximum Junction Temperature Ceramic Package . . . . . . . +175oC
Maximum Junction Temperature Plastic Package . . . . . . . . +150oC
(Soldering 10s)
Maximum Lead Temperature (Soldering 10s). . . . . . . . . . . . +300oC
(PLCC - Lead Tips Only)
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications VCC = 5.0V 10%; TA = 0
oC to +70oC (C82C85);
TA = -40
oC to +85oC (I82C85);
TA = -55
oC to +125oC (M82C85)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
VIH
Logical One Input Voltage
2.0
2.2
-V
V
C82C85, I82C85
M82C85
VIHR
Reset Input High Voltage
2.8
-
V
VIL
Logical Zero Input Voltage
-
0.8
V
Note 1
VT+ - VT
Reset Input Hysteresis
0.25
-
V
VOH
Logical One Output Voltage
VCC-0.4
-
V
IOH = -5.0 mA (CLK, CLK50)
IOH = -1.0mA (X2)
IOH = -2.5mA (all other outputs)
VOL
Logical Zero Output Voltage
-
0.4
V
IOL = +2.5mA (X2)
IOL = +5.0mA (all other outputs)
II
Input Leakage Current
-1.0
1.0
µAVIN = VCC or GND, except DIP
Pins 11 - 15, 21, 23
IBHH
Bus-hold High Leakage Current
-10
-200
µAVIN = 3.0V; Pins 11 - 15, 21
ICCSB
Standby Power Supply Current
-
100
µA
82C85 in HALT state with oscillator
stopped
ICCOP
Operating Power Supply Current
-
50
mA
Crystal Frequency = 15MHz, outputs
open, inputs = GND or VCC
-
70
mA
Crystal Frequency = 25MHz, outputs
open, inputs = GND or VCC
ICCSLOW
Slow Mode Operating Current
-
40
mA Crystal
Freq = 15MHz
Outputs Open; SLO/FST = GND,
START = VCC, Other inputs - VIN =
VCC or GND
-
60
mA Crystal
Freq = 25MHz
NOTE:
1. For CSYNC, VIL = GND
Capacitance
TA = 25
oC
SYMBOL
PARAMETER
TYPICAL
UNITS
TEST CONDITIONS
CIN
Input Capacitance
15
pF
FREQ = 1MHz, all measurements are referenced to device
GND
COUT
Output Capacitance
20
pF
82C85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com