Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP271VG Datasheet(PDF) 28 Page - Power Integrations, Inc.

Part # TOP271VG
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP271VG Datasheet(HTML) 28 Page - Power Integrations, Inc.

Back Button TOP271VG Datasheet HTML 24Page - Power Integrations, Inc. TOP271VG Datasheet HTML 25Page - Power Integrations, Inc. TOP271VG Datasheet HTML 26Page - Power Integrations, Inc. TOP271VG Datasheet HTML 27Page - Power Integrations, Inc. TOP271VG Datasheet HTML 28Page - Power Integrations, Inc. TOP271VG Datasheet HTML 29Page - Power Integrations, Inc. TOP271VG Datasheet HTML 30Page - Power Integrations, Inc. TOP271VG Datasheet HTML 31Page - Power Integrations, Inc. TOP271VG Datasheet HTML 32Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Rev. E 08/12
28
TOP264-271
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Output
ON-State
Resistance
R
DS(ON)
TOP264
I
D = 150 mA
T
J = 25 °C
5.4
6.25
W
T
J = 100 °C
8.35
9.70
TOP265
I
D = 200 mA
T
J = 25 °C
4.1
4.70
T
J = 100 °C
6.3
7.30
TOP266
I
D = 300 mA
T
J = 25 °C
2.8
3.20
T
J = 100 °C
4.1
4.75
TOP267
I
D = 400 mA
T
J = 25 °C
2.0
2.30
T
J = 100 °C
3.1
3.60
TOP268
I
D = 500 mA
T
J = 25 °C
1.7
1.95
T
J = 100 °C
2.5
2.90
TOP269
I
D = 600 mA
T
J = 25 °C
1.45
1.70
T
J = 100 °C
2.25
2.60
TOP270
I
D = 700 mA
T
J = 25 °C
1.20
1.40
T
J = 100 °C
1.80
2.10
TOP271
I
D = 800 mA
T
J = 25 °C
1.05
1.20
T
J = 100 °C
1.55
1.80
DRAIN Supply Voltage
T
J ≤ 85 °C, See Note F
18
V
36
OFF-State Drain
Leakage Current
I
DSS
V
V = Floating, Device Not Switching,
V
DS = 580 V, TJ = 125 °C
470
mA
Breakdown
Voltage
BV
DSS
V
V = Floating, Device Not Switching,
T
J = 25 °C, See Note G
725
V
Rise Time
t
R
Measured in a Typical Flyback
Converter Application
100
ns
Fall Time
t
F
50
ns
Supply Voltage Characteristics
Control Supply/
Discharge Current
I
CD1
Output
MOSFET
Enabled
V
X, VV =
0 V
66 kHz
Operation
TOP264-265
0.6
1.2
2.0
mA
TOP266-268
0.9
1.4
2.3
TOP269-271
1.1
1.6
2.5
132 kHz
Operation
TOP264-265
0.8
1.4
2.1
TOP266-268
1.2
1.7
2.4
TOP269-271
1.5
2.1
2.9
I
CD2
Output MOSFET Disabled
V
X, VV = 0 V
0.3
0.5
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com