Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP271VG Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # TOP271VG
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP271VG Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button TOP271VG Datasheet HTML 17Page - Power Integrations, Inc. TOP271VG Datasheet HTML 18Page - Power Integrations, Inc. TOP271VG Datasheet HTML 19Page - Power Integrations, Inc. TOP271VG Datasheet HTML 20Page - Power Integrations, Inc. TOP271VG Datasheet HTML 21Page - Power Integrations, Inc. TOP271VG Datasheet HTML 22Page - Power Integrations, Inc. TOP271VG Datasheet HTML 23Page - Power Integrations, Inc. TOP271VG Datasheet HTML 24Page - Power Integrations, Inc. TOP271VG Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Rev. E 08/12
21
TOP264-271
www.powerint.com
capacitor, a high frequency bypass capacitor (C
BP) in parallel
should be used for better noise immunity. The feedback
optocoupler output should also be located close to the
CONTROL and SOURCE pins of TOP264-271 and away from the
drain and clamp component traces. The primary-side clamp
circuit should be positioned such that the loop area from the
transformer end (shared with DRAIN) and the clamp capacitor is
minimized. The bias winding return node should be connected
via a dedicated trace directly to the bulk capacitor and not to
the SOURCE pins. This ensures that surge currents are routed
away from the SOURCE pins of the TOPSwitch-JX.
Y Capacitor
The Y capacitor should be connected close to the secondary
output return pin(s) and the positive primary DC input pin of the
transformer. If the Y capacitor is returned to the negative end of
the input bulk capacitor (rather than the positive end) a dedicated
trace must be used to make this connection. This is to “steer”
leakage currents away from the SOURCE pins in case of a
common-mode surge event.
Heat Sinking
The exposed pad of the E package (eSIP-7C), K package
(eSOP-12) and the V package (eDIP-12) are internally electrically
tied to the SOURCE pin. To avoid circulating currents, a heat
sink attached to the exposed pad should not be electrically tied
to any primary ground/source nodes on the PC board. On
double sided boards, top side and bottom side areas connected
with vias can be used to increase the effective heat sinking
area. The K package exposed pad may be directly soldered to
a copper area for optimum thermal transfer. In addition,
sufficient copper area should be provided at the anode and
cathode leads of the output diode(s) for heat sinking. In Figure
29, a narrow trace is shown between the output rectifier and
output filter capacitor. This trace acts as a thermal relief
between the rectifier and filter capacitor to prevent excessive
heating of the capacitor.
Quick Design Checklist
In order to reduce the no-load input power of TOP264-271
designs, the VOLTAGE MONITOR pin operates at very low
current. This requires careful layout considerations when
designing the PCB to avoid noise coupling. Traces and
components connected to the VOLTAGE MONITOR pin should
not be adjacent to any traces carrying switching currents.
These include the drain, clamp network, bias winding return or
power traces from other converters. If the line-sensing features
are used, then the sense resistors must be placed within 10 mm
of the VOLTAGE MONITOR pin to minimize the VOLTAGE
MONITOR pin node area. The DC bus should then be routed to
the line-sense resistors. Note that external capacitance must
not be connected to the VOLTAGE MONITOR pin as this may
cause misoperation of the VOLTAGE MONITOR pin related
functions. As with any power supply design, all TOP264-271
designs should be verified on the bench to make sure that
components specifications are not exceeded under worst-case
conditions. The following minimum set of tests is strongly
recommended:
1. Maximum drain voltage – Verify that peak V
DS does not
exceed 675 V at highest input voltage and maximum
overload output power. Maximum overload output power
occurs when the output is overloaded to a level just before
the power supply goes into auto-restart (loss of regulation).
2. Maximum drain current – At maximum ambient temperature,
maximum input voltage and maximum output load, verify
drain current waveforms at start-up for any signs of trans-
former saturation and excessive leading edge current spikes.
TOP264-271 has a leading edge blanking time of 220 ns to
prevent premature termination of the ON-cycle. Verify that
the leading edge current spike is below the allowed current
limit envelope (see Figure 34) for the drain current waveform
at the end of the 220 ns blanking period.
3. Thermal check – At maximum output power, both minimum
and maximum voltage and ambient temperature; verify that
temperature specifications are not exceeded for TOP264-
271, transformer, output diodes and output capacitors.
Enough thermal margin should be allowed for the part-to-
part variation of the R
DS(ON) of TOP264-271, as specified in
the data sheet. The margin required can either be calculated
from the values in the parameter table or it can be accounted
for by connecting an external resistance in series with the
DRAIN pin and attached to the same heat sink, having a
resistance value that is equal to the difference between the
measured R
DS(ON) of the device under test and the worst-case
maximum specification.
Design Tools
Up-to-date information on design tools can be found at the
Power Integrations website: www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com