Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP271VG Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # TOP271VG
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP271VG Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button TOP271VG Datasheet HTML 6Page - Power Integrations, Inc. TOP271VG Datasheet HTML 7Page - Power Integrations, Inc. TOP271VG Datasheet HTML 8Page - Power Integrations, Inc. TOP271VG Datasheet HTML 9Page - Power Integrations, Inc. TOP271VG Datasheet HTML 10Page - Power Integrations, Inc. TOP271VG Datasheet HTML 11Page - Power Integrations, Inc. TOP271VG Datasheet HTML 12Page - Power Integrations, Inc. TOP271VG Datasheet HTML 13Page - Power Integrations, Inc. TOP271VG Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Rev. E 08/12
10
TOP264-271
www.powerint.com
the clamp circuit and the output rectifier during start-up. This
feature also helps minimize output overshoot and prevents
saturation of the transformer during start-up.
Shutdown/Auto-Restart (for OCP, SCP, OPP)
To minimize TOP264-271 power dissipation under fault
conditions such as over current (OC), short-circuit (SC) or over
power (OP), the shutdown/auto-restart circuit turns the power
supply on and off at an auto-restart duty cycle of typically 2% if
an out of regulation condition persists. Loss of regulation
interrupts the external current into the CONTROL pin. V
C
regulation changes from shunt mode to the hysteretic auto-
restart mode as described in CONTROL pin operation section.
When the fault condition is removed, the power supply output
becomes regulated, V
C regulation returns to shunt mode, and
normal operation of the power supply resumes.
Hysteretic Over-Temperature Protection (OTP)
Temperature protection is provided by a precision analog circuit
that turns the output MOSFET off when the junction temperature
exceeds the thermal shutdown temperature (142 °C typical).
When the junction temperature cools to below the lower
hysteretic temperature point, normal operation resumes, thus
providing automatic recovery. A large hysteresis of 75 °C
(typical) is provided to prevent overheating of the PC board due
to a continuous fault condition. V
C is regulated in hysteretic
mode, and a 4.8 V to 5.8 V (typical) triangular waveform is
present on the CONTROL pin while in thermal shutdown.
Bandgap Reference
All critical TOP264-271 internal voltages are derived from a
temperature-compensated bandgap reference. This voltage
reference is used to generate all other internal current references,
which are trimmed to accurately set the switching frequency,
MOSFET gate drive current, current limit, and the line OV/UV/
OVP thresholds. TOP264-271 has improved circuitry to
maintain all of the above critical parameters within very tight
absolute and temperature tolerances.
High-Voltage Bias Current Source
This high-voltage current source biases TOP264-271 from the
DRAIN pin and charges the CONTROL pin external capacitance
during start-up or hysteretic operation. Hysteretic operation
occurs during auto-restart, remote-off and over-temperature
shutdown. In this mode of operation, the current source is
switched on and off, with an effective duty cycle of approxi-
mately 35%. This duty cycle is determined by the ratio of
CONTROL pin charge (I
C) and discharge currents (ICD1 and ICD2).
This current source is turned off during normal operation when
the output MOSFET is switching. The effect of the current
source switching will be seen on the DRAIN voltage waveform
as small disturbances and is normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com