Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP271VG Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # TOP271VG
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP271VG Datasheet(HTML) 1 Page - Power Integrations, Inc.

  TOP271VG Datasheet HTML 1Page - Power Integrations, Inc. TOP271VG Datasheet HTML 2Page - Power Integrations, Inc. TOP271VG Datasheet HTML 3Page - Power Integrations, Inc. TOP271VG Datasheet HTML 4Page - Power Integrations, Inc. TOP271VG Datasheet HTML 5Page - Power Integrations, Inc. TOP271VG Datasheet HTML 6Page - Power Integrations, Inc. TOP271VG Datasheet HTML 7Page - Power Integrations, Inc. TOP271VG Datasheet HTML 8Page - Power Integrations, Inc. TOP271VG Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
TOP264-271
TOPSwitch-JX Family
www.powerint.com
August 2012
Integrated Off-Line Switcher with EcoSmart™Technology
for Highly Efficient Power Supplies
™
This Product is Covered by Patents and/or Pending Patent Applications.
Product Highlights
EcoSmart – Energy Efficient
•
Ideal for applications from 10 W to 245 W
•
Energy efficient over entire load range
•
No-load consumption below 100 mW at 265 VAC
•
Up to 750 mW standby output power for 1 W input at 230 VAC
High Design Flexibility for Low System Cost
•
Multi-mode PWM control maximizes efficiency at all loads
•
132 kHz operation reduces transformer and power supply size
•
66 kHz option for highest efficiency requirements
•
Accurate programmable current limit
•
Optimized line feed-forward for line ripple rejection
•
Frequency jittering reduces EMI filter cost
•
Fully integrated soft-start for minimum start-up stress
•
725 V rated MOSFET
•
Simplifies meeting design derating requirements
Extensive Protection Features
•
Auto-restart limits power delivery to <3% during overload faults
•
Output short-circuit protection (SCP)
•
Output over-current protection (OCP)
•
Output overload protection (OPP)
•
Output overvoltage protection (OVP)
•
User programmable for hysteretic/latching shutdown
•
Simple fast AC reset
•
Primary or secondary sensed
•
Line undervoltage (UV) detection prevents turn-off glitches
•
Line overvoltage (OV) shutdown extends line surge withstand
•
Accurate thermal shutdown with large hysteresis (OTP)
Advanced Package Options
•
eDIP™-12 package:
•
43 W / 117 W universal input power output capability with
PCB / metal heat sink
•
Low profile horizontal orientation for ultra-slim designs
•
Heat transfer to both PCB and heat sink
•
Optional external heat sink provides thermal impedance
equivalent to a TO-220
•
eSIP™-7C package:
•
177 W universal input output power capability
•
Vertical orientation for minimum PCB footprint
•
Simple heat sink mounting using clip provides thermal
impedance equivalent to a TO-220
•
eSOP™-12 package:
•
66 W universal input output power capability
•
Low profile surface mounted for ultra-slim designs
•
Heat transfer to PCB via exposed pad and SOURCE pins
•
Supports wave or reflow soldering
•
Extended creepage to DRAIN pin
•
Heat sink is connected to SOURCE for low EMI
Figure 1.
Typical Flyback Application.
Figure 2.
Package Options.
Description
TOPSwitch-JX cost effectively incorporates a 725 V power
MOSFET, high-voltage switched current source, multi-mode
PWM control, oscillator, thermal shutdown circuit, fault
protection and other control circuitry onto a monolithic device.
Typical Applications
•
Notebook or laptop adapter
•
Generic adapter
•
Printer
•
LCD monitor
•
Set-top box
•
PC or LCD TV standby
•
Audio amplifier
Output Power Ratings
See next page.
+
-
eSOP-12B (K Package)
eDIP-12B (V Package)
eSIP-7C (E Package)


Similar Part No. - TOP271VG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP271VG POWERINT-TOP271VG Datasheet
3Mb / 36P
Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP271VG POWERINT-TOP271VG Datasheet
3Mb / 40P
Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP271VG POWERINT-TOP271VG Datasheet
3Mb / 40P
Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP271VG POWERINT-TOP271VG Datasheet
2Mb / 40P
Integrated Off-Line Switcher with EcoSmart™ Technology for Highly Efficient Power Supplies
May 2015
TOP271VG-TL POWERINT-TOP271VG-TL Datasheet
3Mb / 36P
Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
More results

Similar Description - TOP271VG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP264-271 POWERINT-TOP264-271 Datasheet
3Mb / 36P
Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP264 POWERINT-TOP264_11 Datasheet
3Mb / 40P
Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP232PN POWERINT-TOP232PN Datasheet
644Kb / 36P
Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP234PN POWERINT-TOP234PN Datasheet
644Kb / 36P
Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP234G-TL POWERINT-TOP234G-TL Datasheet
644Kb / 36P
Design Flexible, EcoSmart® , Integrated Off-line Switcher
July 2001
TOP242 POWERINT-TOP242 Datasheet
2Mb / 52P
Extended Power, Design Flexible EcoSmart, Integrated Off-line Switcher
LNK3202P POWERINT-LNK3202P Datasheet
2Mb / 28P
Highly Energy Efficient Off-line Switcher IC with Integrated System Level Protection for Low Component-Count Power Supplies
June 2022
TOP232 POWERINT-TOP232 Datasheet
3Mb / 38P
Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
TOP242 POWERINT-TOP242_V01 Datasheet
3Mb / 54P
Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
TOP264 POWERINT-TOP264_V01 Datasheet
2Mb / 40P
Integrated Off-Line Switcher with EcoSmart™ Technology for Highly Efficient Power Supplies
May 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com