Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP271VG Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # TOP271VG
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP271VG Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button TOP271VG Datasheet HTML 4Page - Power Integrations, Inc. TOP271VG Datasheet HTML 5Page - Power Integrations, Inc. TOP271VG Datasheet HTML 6Page - Power Integrations, Inc. TOP271VG Datasheet HTML 7Page - Power Integrations, Inc. TOP271VG Datasheet HTML 8Page - Power Integrations, Inc. TOP271VG Datasheet HTML 9Page - Power Integrations, Inc. TOP271VG Datasheet HTML 10Page - Power Integrations, Inc. TOP271VG Datasheet HTML 11Page - Power Integrations, Inc. TOP271VG Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Rev. E 08/12
8
TOP264-271
www.powerint.com
If the power supply is operating under heavy load or low input
line conditions when an open-loop occurs, the output voltage
may not rise significantly. Under these conditions, a latching
shutdown will not occur until load or line conditions change.
Nevertheless, the operation provides the desired protection by
preventing significant rise in the output voltage when the line or
load conditions do change. Primary-side OVP protection with
the TOP264-271 in a typical application will prevent a nominal
12 V output from rising above approximately 20 V under open-
loop conditions. If greater accuracy is required, a secondary
sensed OVP circuit is recommended.
Line Feed-Forward with DC
MAX Reduction
The same resistor used for UV and OV also implements line voltage
feed-forward, which minimizes output line ripple and reduces
power supply output sensitivity to line transients. Note that for the
same CONTROL pin current, higher line voltage results in smaller
operating duty cycle. As an added feature, the maximum duty
cycle DC
MAX is also reduced from 78% (typical) at a voltage slightly
lower than the UV threshold to 36% (typical) at the OV threshold.
DC
MAX of 36% at high-line was chosen to ensure that the power
capability of the TOP264-271 is not restricted by this feature under
normal operation. TOP264-271 provides a better fit to the ideal
feed-forward by using two reduction slopes: -1% per
mA for all bus
voltage less than 195 V (typical for 4 M
W line impedance) and
-0.25% per
mA for all bus voltage more than 195 V.
Remote-ON/OFF
TOP264-271 can be turned on or off by controlling the current into
the VOLTAGE-MONITOR pin or out from the EXTERNAL CURRENT
LIMIT pin. In addition, the VOLTAGE-MONITOR pin has a 1 V
threshold comparator connected at its input. This voltage
threshold can also be used to perform remote-ON/OFF control.
When a signal is received at the VOLTAGE-MONITOR pin or the
EXTERNAL CURRENT LIMIT pin to disable the output through
any of the pin functions such as OV, UV and remote-ON/OFF,
TOP264-271 always completes its current switching cycle before
the output is forced off.
As seen above, the remote-ON/OFF feature can also be used
as a standby or power switch to turn off the TOP264-271 and
keep it in a very low power consumption state for indefinitely long
periods. If the TOP264-271 is held in remote-off state for long
enough time to allow the CONTROL pin to discharge to the
internal supply undervoltage threshold of 4.8 V (approximately
32 ms for a 47
mF CONTROL pin capacitance), the CONTROL
pin goes into the hysteretic mode of regulation. In this mode,
the CONTROL pin goes through alternate charge and discharge
cycles between 4.8 V and 5.8 V (see CONTROL pin operation
section above) and runs entirely off the high-voltage DC input,
but with very low power consumption (<100 mW typical at
230 VAC with X pin open). When the TOP264-271 is remotely
Voltage Monitor and External Current Limit Pin Table*
Figure Number
13
14
15
16
17
18
19
20
21
22
23
24
Three Terminal Operation
3
Line Undervoltage (UV)
3
3
3
3
3
Line Overvoltage (OV)
3
3
3
3
3
Line Feed-Forward (DC
MAX)
3
3
3
3
Output Overvoltage Protection (OVP)
3
Overload Power Limiting (OPP)
3
External Current Limit
3
3
3
3
3
3
Remote-ON/OFF
3
3
3
Device Reset
3
3
3
Fast AC Reset
3
AC Brown-Out
3
*This table is only a partial list of many VOLTAGE MONITOR and EXTERNAL CURRENT LIMIT Pin Configurations that are possible.
Table 2.
VOLTAGE MONITOR (V) Pin and EXTERNAL CURRENT LIMIT (X) Pin Configuration Options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com