Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX8512D3BTL Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FTLX8512D3BTL
Description  Industrial Temperature Range 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX8512D3BTL Datasheet(HTML) 4 Page - Finisar Corporation.

  FTLX8512D3BTL Datasheet HTML 1Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 2Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 3Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 4Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 5Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 6Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 7Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 8Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FTLX8512D3BTL Industrial Temperature XFP SR Specification – March 2013
F i n i s a r
 Finisar Corporation October 2013
Rev. D2
Page 4
III.
Electrical Characteristics (TOP = -40 to +85C, VCC3 = 3.13 to 3.45 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc3
3.13
3.45
V
Supply Current
Icc3
360
435
mA
1
Module total power consumption
P
1.2
1.5
W
1
Transmitter
Input differential impedance
Rin
100

2
Differential data input swing
Vin,pp
120
1000
mV
Transmit Disable Voltage
VD
2.0
Vcc
V
3
Transmit Enable Voltage
VEN
GND
GND+ 0.8
V
Transmit Disable Assert Time
10
us
Receiver
Differential data output swing
Vout,pp
340
850
mV
4
Data output rise time
tr
40
ps
5
Data output fall time
tf
40
ps
5
LOS Fault
VLOS fault
Vcc – 0.5
VccHOST
V
6
LOS Normal
VLOS norm
GND
GND+0.5
V
6
Power Supply Rejection
PSR
See Note 7 below
7
Notes:
1. Maximum total power consumption value is specified across the full temperature and voltage range.
Typical current at -40C is ~400mA.
2. After internal AC coupling.
3. Or open circuit.
4. Into 100 ohms differential termination.
5. 20 – 80 %.
6. Loss Of Signal is open collector to be pulled up with a 4.7k
 – 10k resistor to 3.15 – 3.6V. Logic 0
indicates normal operation; logic 1 indicates no signal detected.
7. Per Section 2.7.1. in the XFP MSA Specification1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com