Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX8512D3BTL Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTLX8512D3BTL
Description  Industrial Temperature Range 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX8512D3BTL Datasheet(HTML) 1 Page - Finisar Corporation.

  FTLX8512D3BTL Datasheet HTML 1Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 2Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 3Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 4Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 5Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 6Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 7Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 8Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
F i n i s a r
 Finisar Corporation October 2013
Rev. D2
Page 1
Product Specification
Industrial Temperature Range
10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
FTLX8512D3BTL
PRODUCT FEATURES
 Hot-pluggable XFP footprint
 Supports 8.5Gb/s and 9.95 through
10.5 Gb/s bit rates*
 Power dissipation <1.5W
 RoHS-6 compliant (lead-free)
 Temperature range -40°C to +85°C
 Single power supply: 3.3V
 Maximum link length of 300m
 850nm heated VCSEL laser.
 Duplex LC connector
 No Reference Clock required
 Built-in digital diagnostic functions
 Standard bail release mechanism
APPLICATIONS
 10GBASE-SR/SW 10G Ethernet
 1200-Mx-SN-I 10G Fibre Channel
 800-Mx-SN-I 8G Fibre Channel
 G.709 OTN/FEC (OTU1e and OTU2e)
Finisar’s FTLX8512D3BTL Small Form Factor 10Gb/s (XFP) transceivers are compliant
with the current XFP Multi-Source Agreement (MSA) Specification1 now available with
Industrial Temperature Range of Operation (-40°C to +85°C). They comply with 10-
Gigabit Ethernet 10GBASE-SR/SW per IEEE 802.3ae, 10G Fibre Channel 1200-Mx-SN-
I, 8G Fibre Channel 800-Mx-SN-I, and OTN/FEC protocols OTU1e and OTU2e upon
request. Digital diagnostics functions are available via a 2-wire serial interface, as
specified in the XFP MSA. The transceiver is RoHS compliant and lead free per
Directive 2002/95/EC3, and Finisar Application Note AN-20384.
PRODUCT SELECTION
FTLX8512D3BTL
*Contact Finisar for higher data-rate support


Similar Part No. - FTLX8512D3BTL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX8511D3 FINISAR-FTLX8511D3 Datasheet
311Kb / 11P
RoHS-6 Compliant 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
FTLX8511D3BTL FINISAR-FTLX8511D3BTL Datasheet
255Kb / 11P
Industrial Temperature Range 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
More results

Similar Description - FTLX8512D3BTL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1412M3BTL FINISAR-FTLX1412M3BTL Datasheet
239Kb / 11P
RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX1412D3BCL FINISAR-FTLX1412D3BCL Datasheet
254Kb / 11P
RoHS-6 Compliant 10Gb/s 10km Datacom XFP Optical Transceiver
FTLX8511D3 FINISAR-FTLX8511D3 Datasheet
311Kb / 11P
RoHS-6 Compliant 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
FTLX8571D3BCL FINISAR-FTLX8571D3BCL Datasheet
682Kb / 12P
RoHS-6 Compliant 10Gb/s 850nm Multimode Datacom SFP Transceiver
FTLX8573D3BTL FINISAR-FTLX8573D3BTL Datasheet
650Kb / 12P
RoHS-6 Compliant Industrial Temperature 10Gb/s 850nm Multimode SFP Datacom Transceiver
FTLX1412D3BTL FINISAR-FTLX1412D3BTL Datasheet
269Kb / 11P
RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX8511D3BTL FINISAR-FTLX8511D3BTL Datasheet
255Kb / 11P
Industrial Temperature Range 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
FTLX8574D3BNL FINISAR-FTLX8574D3BNL Datasheet
547Kb / 12P
ExtendedTemperature 10Gb/s 850nm SFP Datacom Transceiver
FTLX1413D3BCL FINISAR-FTLX1413D3BCL Datasheet
248Kb / 11P
10Gb/s 10km Datacom XFP Optical Transceiver
FTLX1413M3BTL FINISAR-FTLX1413M3BTL Datasheet
484Kb / 11P
RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com