Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX8512D3BTL Datasheet(PDF) 6 Page - Finisar Corporation.

Part # FTLX8512D3BTL
Description  Industrial Temperature Range 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX8512D3BTL Datasheet(HTML) 6 Page - Finisar Corporation.

Back Button FTLX8512D3BTL Datasheet HTML 2Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 3Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 4Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 5Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 6Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 7Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 8Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 9Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 10Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
FTLX8512D3BTL Industrial Temperature XFP SR Specification – March 2013
F i n i s a r
 Finisar Corporation October 2013
Rev. D2
Page 6
V.
General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Bit Rate
BR
8.5
10.5
Gb/s
1
Bit Error Ratio
BER
See Note 2
2
Maximum Supported Distances
Fiber Type
850nm OFL
Bandwidth
62.5
m
160MHz-km
Lmax
26
m
OM1
200MHz-km
33
50
m
400MHz-km
Lmax
66
m
OM2
500MHz-km
82
OM3
2000MHz-km
300
Notes:
1. 10GBASE-SR/SW, 1200-Mx-SN-I, 800-Mx-SN-I. Contact Finisar for higher data-rate support.
2. 10GBASE-SR/SW, 1200-Mx-SN-I tested with 231 – 1 PRBS @ 10-12 BER.
VI.
Environmental Specifications
This Finisar XFP transceiver model has an operating temperature range from -40°C to
+85°C case temperature.
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
-40
85
°C
1
Storage Temperature
Tsto
-40
85
°C
Notes:
1. Warm-up time at -40°C case temperature is 10 seconds.
VII.
Regulatory Compliance
Finisar XFP transceivers are Class 1 Laser Products. They are certified per the following
standards:
Feature
Agency
Standard
Certificate
Number
Laser Eye
Safety
FDA/CDRH
CDRH 21 CFR 1040 and Laser Notice 50
9210176-77
Laser Eye
Safety
TÜV
EN60825
R7201686
Electrical
Safety
TÜV
EN 60950
R7201686
Electrical
Safety
UL/CSA
CLASS 3862.07
CLASS 3862.87
2283290
Copies of the referenced certificates will be available at Finisar Corporation upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com