Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX8512D3BTL Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FTLX8512D3BTL
Description  Industrial Temperature Range 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX8512D3BTL Datasheet(HTML) 2 Page - Finisar Corporation.

  FTLX8512D3BTL Datasheet HTML 1Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 2Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 3Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 4Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 5Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 6Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 7Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 8Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FTLX8512D3BTL Industrial Temperature XFP SR Specification – March 2013
F i n i s a r
 Finisar Corporation October 2013
Rev. D2
Page 2
I.
Pin Descriptions
Pin
Logic
Symbol
Name/Description
Ref.
1
GND
Module Ground
1
2
VEE5
Optional –5.2 Power Supply – Not required
3
LVTTL-I
Mod-Desel
Module De-select; When held low allows the module to
respond to 2-wire serial interface commands
4
LVTTL-O
Interrupt
Interrupt (bar); Indicates presence of an important condition
which can be read over the serial 2-wire interface
2
5
LVTTL-I
TX_DIS
Transmitter Disable; Transmitter laser source turned off
6
VCC5
+5 Power Supply – Not required
7
GND
Module Ground
1
8
VCC3
+3.3V Power Supply
9
VCC3
+3.3V Power Supply
10
LVTTL-I
SCL
Serial 2-wire interface clock
2
11
LVTTL-
I/O
SDA
Serial 2-wire interface data line
2
12
LVTTL-O
Mod_Abs
Module Absent; Indicates module is not present. Grounded
in the module.
2
13
LVTTL-O
Mod_NR
Module Not Ready; Finisar defines it as a logical OR
between RX_LOS and Loss of Lock in TX/RX.
2
14
LVTTL-O
RX_LOS
Receiver Loss of Signal indicator
2
15
GND
Module Ground
1
16
GND
Module Ground
1
17
CML-O
RD-
Receiver inverted data output
18
CML-O
RD+
Receiver non-inverted data output
19
GND
Module Ground
1
20
VCC2
+1.8V Power Supply – Not required
21
LVTTL-I
P_Down/RST Power Down; When high, places the module in the low
power stand-by mode and on the falling edge of P_Down
initiates a module reset
Reset; The falling edge initiates a complete reset of the
module including the 2-wire serial interface, equivalent to a
power cycle.
22
VCC2
+1.8V Power Supply – Not required
23
GND
Module Ground
1
24
PECL-I
RefCLK+
Reference Clock non-inverted input, AC coupled on the
host board – Not required
3
25
PECL-I
RefCLK-
Reference Clock inverted input, AC coupled on the host
board – Not required
3
26
GND
Module Ground
1
27
GND
Module Ground
1
28
CML-I
TD-
Transmitter inverted data input
29
CML-I
TD+
Transmitter non-inverted data input
30
GND
Module Ground
1
Notes:
1. Module circuit ground is isolated from module chassis ground within the module.
2. Open collector; should be pulled up with 4.7k
 – 10k on host board to a voltage between 3.15V and
3.6V.
3. A Reference Clock input is not required by the FTLX8512D3BTL. If present, it will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com