Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX8512D3BTL Datasheet(PDF) 11 Page - Finisar Corporation.

Part # FTLX8512D3BTL
Description  Industrial Temperature Range 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX8512D3BTL Datasheet(HTML) 11 Page - Finisar Corporation.

Back Button FTLX8512D3BTL Datasheet HTML 3Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 4Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 5Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 6Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 7Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 8Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 9Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 10Page - Finisar Corporation. FTLX8512D3BTL Datasheet HTML 11Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
FTLX8512D3BTL Industrial Temperature XFP SR Specification – March 2013
F i n i s a r
 Finisar Corporation October 2013
Rev. D2
Page 11
XI.
References
1.
10 Gigabit Small Form Factor Pluggable Module (XFP) Multi-Source Agreement
(MSA), INF-8077i, Rev 4.5 - August 2005. Documentation is currently available
at http://www.xfpmsa.org/
2.
Application Note AN-2035: “Digital Diagnostic Monitoring Interface for XFP
Optical Transceivers” – Finisar Corporation, December 2003
3.
Directive 2002/95/EC of the European Council Parliament and of the Council,
“on the restriction of the use of certain hazardous substances in electrical and
electronic equipment”. January 27, 2003.
4.
“Application Note AN-2038: Finisar Implementation Of RoHS Compliant
Transceivers”, Finisar Corporation, January 21, 2005.
XII.
For More Information
Finisar Corporation
1389 Moffett Park Drive
Sunnyvale, CA 94089-1133
Tel. 1-408-548-1000
Fax 1-408-541-6138
sales@finisar.com
www.finisar.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com