Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7757 Datasheet(PDF) 6 Page - Analog Devices

Part # ADE7757
Description  Energy Metering IC with Integrated Oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7757 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADE7757_15 Datasheet HTML 2Page - Analog Devices ADE7757_15 Datasheet HTML 3Page - Analog Devices ADE7757_15 Datasheet HTML 4Page - Analog Devices ADE7757_15 Datasheet HTML 5Page - Analog Devices ADE7757_15 Datasheet HTML 6Page - Analog Devices ADE7757_15 Datasheet HTML 7Page - Analog Devices ADE7757_15 Datasheet HTML 8Page - Analog Devices ADE7757_15 Datasheet HTML 9Page - Analog Devices ADE7757_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. A
–6–
ADE7757–Typical Performance Characteristics
CURRENT – A
0.5
0.01
0.1
1
10
100
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
+85 C
+25 C
–40 C
PF = 1
ON-CHIP REFERENCE
TPC 1. Error as a % of Reading over Temperature
with On-Chip Reference (PF = 1)
CURRENT – A
0.01
0.1
1
10
100
–0.5
–0.3
–0.1
0.1
0.3
0.5
0.7
0.9
PF = 0.5
ON-CHIP REFERENCE
–40 C, PF = 0.5
+25 C, PF = 1.0
+85 C, PF = 0.5
–25 C, PF = 0.5
TPC 2. Error as a % of Reading over Temperature
with On-Chip Reference (PF = 0.5)
CURRENT – A
0.01
0.1
1
10
100
–1.0
–0.8
–0.6
–0.4
–0.2
0.2
0.6
1.0
PF = 1
EXTERNAL REFERENCE
+85 C
–40 C
+25 C
0
0.4
0.8
TPC 3. Error as a % of Reading over Temperature
with External Reference (PF = 1)
CURRENT – A
0.01
0.1
1
10
100
–1.0
–0.8
–0.6
–0.4
–0.2
0.2
0.6
1.0
PF = 0.5
EXTERNAL REFERENCE
0
0.4
0.8
+25 C, PF = 1.0
+85 C, PF = 0.5
+25 C, PF = 0.5
–40 C, PF = 0.5
TPC 4. Error as a % of Reading over Temperature
with External Reference (PF = 0.5)
6.2k
V2N
200
220V
150nF
V2P
200
602k
V1P
V1N
350
40A TO
40mA
REFIN/OUT
100nF
1 F
100nF
10 F
VDD
DGND
F1
F2
CF
REVP
RCLKIN
S0
S1
SCF
10nF
10nF
10nF
U3
PS2501-1
K7
K8
U1
ADE7757
10k
VDD
200
200
150nF
150nF
AGND
150nF
VDD
Figure 2. Test Circuit for Performance Curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com