Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7757 Datasheet(PDF) 8 Page - Analog Devices

Part # ADE7757
Description  Energy Metering IC with Integrated Oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7757 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADE7757_15 Datasheet HTML 4Page - Analog Devices ADE7757_15 Datasheet HTML 5Page - Analog Devices ADE7757_15 Datasheet HTML 6Page - Analog Devices ADE7757_15 Datasheet HTML 7Page - Analog Devices ADE7757_15 Datasheet HTML 8Page - Analog Devices ADE7757_15 Datasheet HTML 9Page - Analog Devices ADE7757_15 Datasheet HTML 10Page - Analog Devices ADE7757_15 Datasheet HTML 11Page - Analog Devices ADE7757_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. A
–8–
ADE7757
THEORY OF OPERATION
The two ADCs digitize the voltage signals from the current
and voltage sensors. These ADCs are 16-bit
-
with an
oversampling rate of 450 kHz. This analog input structure
greatly simplifies sensor interfacing by providing a wide dynamic
range for direct connection to the sensor and also simplifies the
antialiasing filter design. A high-pass filter in the current chan-
nel removes any dc component from the current signal. This
eliminates any inaccuracies in the real power calculation due to
offsets in the voltage or current signals. Because the HPF is
always enabled, the IC will operate only with ac input (see HPF
and Offset Effects section).
The real power calculation is derived from the instantaneous
power signal. The instantaneous power signal is generated by a
direct multiplication of the current and voltage signals. In order
to extract the real power component (i.e., the dc component),
the instantaneous power signal is low-pass filtered. Figure 3
illustrates the instantaneous real power signal and shows how
the real power information can be extracted by low-pass filtering
the instantaneous power signal. This scheme correctly calculates
real power for sinusoidal current and voltage waveforms at all
power factors. All signal processing is carried out in the digital
domain for superior stability over temperature and time.
TIME
TIME
ADC
ADC
CH1
CH2
MULTIPLIER
LPF
F1
F2
DIGITAL-TO-
FREQUENCY
CF
DIGITAL-TO-
FREQUENCY
INSTANTANEOUS REAL
POWER SIGNAL
INSTANTANEOUS
POWER SIGNAL – p(t)
HPF
Figure 3. Signal Processing Block Diagram
The low frequency outputs (F1, F2) of the ADE7757 are gener-
ated by accumulating this real power information. This low
frequency inherently means a long accumulation time between
output pulses. Consequently, the resulting output frequency is
proportional to the average real power. This average real power
information is then accumulated (e.g., by a counter) to generate
real energy information. Conversely, due to its high output
frequency and hence shorter integration time, the CF output
frequency is proportional to the instantaneous real power. This
is useful for system calibration, which can be done faster under
steady load conditions.
Power Factor Considerations
The method used to extract the real power information from the
instantaneous power signal (i.e., by low-pass filtering) is still
valid even when the voltage and current signals are not in phase.
Figure 4 displays the unity power factor condition and a DPF
(displacement power factor) = 0.5, i.e., current signal lagging the
voltage by 60
°. If we assume the voltage and current waveforms
are sinusoidal, the real power component of the instantaneous
power signal (i.e., the dc term) is given by
V
×


×°
()
1
2
60
cos
This is the correct real power calculation.
V
I
2
0V
POWER
CURRENT
VOLTAGE
POWER
TIME
TIME
VOLTAGE
CURRENT
V
I
2
COS (60 )
0V
INSTANTANEOUS
POWER SIGNAL
INSTANTANEOUS REAL
POWER SIGNAL
INSTANTANEOUS
POWER SIGNAL
INSTANTANEOUS REAL
POWER SIGNAL
60
Figure 4. DC Component of Instantaneous Power
Signal Conveys Real Power Information, PF < 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com