Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7757 Datasheet(PDF) 7 Page - Analog Devices

Part # ADE7757
Description  Energy Metering IC with Integrated Oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7757 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADE7757_15 Datasheet HTML 3Page - Analog Devices ADE7757_15 Datasheet HTML 4Page - Analog Devices ADE7757_15 Datasheet HTML 5Page - Analog Devices ADE7757_15 Datasheet HTML 6Page - Analog Devices ADE7757_15 Datasheet HTML 7Page - Analog Devices ADE7757_15 Datasheet HTML 8Page - Analog Devices ADE7757_15 Datasheet HTML 9Page - Analog Devices ADE7757_15 Datasheet HTML 10Page - Analog Devices ADE7757_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. A
ADE7757
–7–
FREQUENCY – Hz
45
–0.5
–0.4
–0.3
–0.2
–0.1
0.1
0.3
0.5
0
0.2
0.4
50
55
60
65
PF = –0.5
PF = +0.5
PF = +1.0
TPC 5. Error as a % of Reading over Input Frequency
CURRENT – A
0.01
–1.0
–0.8
–0.6
–0.4
–0.2
0.2
0.6
1.0
0
0.4
0.8
0.1
1
10
100
5.25V
4.75V
5.0V
PF = 1
ON-CHIP REFERENCE
TPC 6. PSR with Internal Reference
CURRENT – A
0.01
0.1
1
10
100
5.25V
5.0V
4.75V
PF = 1
EXTERNAL REFERENCE
–1.0
–0.8
–0.6
–0.4
–0.2
0.2
0.6
1.0
0
0.4
0.8
TPC 7. PSR with External Reference
mV
–8
0
0.5
10
15
25
35
45
20
30
40
INTERNAL REFERENCE
TEMPERATURE = 25 C
–7 –6 –5 –4 –3 –2 –1
8
7
6
5
4
3
2
1
0
DISTRIBUTION CHARACTERISTICS
NUMBER POINTS: 100
MINIMUM: –4.319mV
MAXIMUM: 2.2828mV
MEAN: –1.04576552mV
STD. DEV: 1.300956604mV
TPC 8. Channel V1 Offset Distribution
mV
–8
0
0.5
10
15
25
35
45
20
30
40
INTERNAL REFERENCE
TEMPERATURE = 25 C
–6 –4 –2
8
6
4
2
0
–10
–12
–14
–16
–18
–20
10
DISTRIBUTION CHARACTERISTICS
NUMBER POINTS: 100
MINIMUM: –9.82923mV
MAXIMUM: 0.472126mV
MEAN: 4.54036589mV
STD. DEV: 1.89694475mV
TPC 9. Channel V2 Offset Distribution
%
0
0.5
10
15
25
35
20
30
40
DISTRIBUTION CHARACTERISTICS
NUMBER POINTS: 100
MINIMUM: –6.15%
MAXIMUM: 9.96%
MEAN: 0%
STD. DEV: 2.84%
EXTERNAL REFERENCE
TEMPERATURE = 25 C
TPC 10. Part-to-Part CF Distribution from Mean



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com