Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7757 Datasheet(PDF) 2 Page - Analog Devices

Part # ADE7757
Description  Energy Metering IC with Integrated Oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7757 Datasheet(HTML) 2 Page - Analog Devices

  ADE7757_15 Datasheet HTML 1Page - Analog Devices ADE7757_15 Datasheet HTML 2Page - Analog Devices ADE7757_15 Datasheet HTML 3Page - Analog Devices ADE7757_15 Datasheet HTML 4Page - Analog Devices ADE7757_15 Datasheet HTML 5Page - Analog Devices ADE7757_15 Datasheet HTML 6Page - Analog Devices ADE7757_15 Datasheet HTML 7Page - Analog Devices ADE7757_15 Datasheet HTML 8Page - Analog Devices ADE7757_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. A
–2–
ADE7757–SPECIFICATIONS
(VDD = 5 V
5%, AGND = DGND = 0 V, On-Chip Reference, RCLKIN = 6.2 k ,
0.5%
50 ppm/ C, TMIN to TMAX = –40 C to +85 C, unless otherwise noted.)
Parameter
Value
Unit
Test Conditions/Comments
ACCURACY
1, 2
Measurement Error
1 on Channel V1
Channel V2 with Full-Scale Signal (
±165 mV), 25°C
0.1
% Reading typ
Over a Dynamic Range 500 to 1
Phase Error
1 between Channels
Line Frequency = 45 Hz to 65 Hz
V1 Phase Lead 37
°
(PF = 0.8 Capacitive)
±0.1
Degrees (
°) max
V1 Phase Lag 60
°
(PF = 0.5 Inductive)
±0.1
Degrees (
°) max
AC Power Supply Rejection
1
S0 = S1 = 1,
Output Frequency Variation (CF)
0.2
% Reading typ
V1 = 21.2 mV rms, V2 = 116.7 mV rms @ 50 Hz
Ripple on VDD of 200 mV rms @ 100 Hz
DC Power Supply Rejection
1
S0 = S1 = 1,
Output Frequency Variation (CF)
±0.3
% Reading typ
V1 = 21.2 mV rms, V2 = 116.7 mV rms,
VDD = 5 V
± 250 mV
ANALOG INPUTS
See Analog Inputs section
Channel V1 Maximum Signal Level
±30
mV max
V1P and V1N to AGND
Channel V2 Maximum Signal Level
±165
mV max
V2P and V2N to AGND
Input Impedance (DC)
320
k
Ω min
OSC = 450 kHz, RCLKIN = 6.2 k
Ω, 0.5% ± 50 ppm/°C
Bandwidth (–3 dB)
7
kHz nominal
OSC = 450 kHz, RCLKIN = 6.2 k
Ω, 0.5% ± 50 ppm/°C
ADC Offset Error
1, 2
±18
mV max
See Terminology Section and Typical Performance Characteristics
Gain Error
1
±4% Ideal typ
External 2.5 V Reference
V1 = 21.2 mV rms, V2 = 116.7 mV rms
OSCILLATOR FREQUENCY (OSC)
450
kHz nominal
RCLKIN = 6.2 k
Ω, 0.5% ± 50 ppm/°C
Oscillator Frequency Tolerance
1
±12
% Reading typ
Oscillator Frequency Stability
1
±30
ppm/
°C typ
REFERENCE INPUT
REFIN/OUT Input Voltage Range
2.7
V max
2.5 V + 8%
2.3
V min
2.5 V – 8%
Input Capacitance
10
pF max
ON-CHIP REFERENCE
Nominal 2.5 V
Reference Error
±200
mV max
Temperature Coefficient
±20
ppm/
°C typ
LOGIC INPUTS
3
SCF, S0, S1,
Input High Voltage, VINH
2.4
V min
VDD = 5 V
± 5%
Input Low Voltage, VINL
0.8
V max
VDD = 5 V
± 5%
Input Current, IIN
±1
µA max
Typically 10 nA, VIN = 0 V to VDD
Input Capacitance, CIN
10
pF max
LOGIC OUTPUTS
3
F1 and F2
Output High Voltage, VOH
ISOURCE = 10 mA
4.5
V min
VDD = 5 V
Output Low Voltage, VOL
ISINK = 10 mA
0.5
V max
VDD = 5 V
CF
Output High Voltage, VOH
ISOURCE = 5 mA
4V min
VDD = 5 V
Output Low Voltage, VOL
ISINK = 5 mA
0.5
V max
VDD = 5 V
Frequency Output Error
1, 2 (CF)
±10
% Ideal typ
External 2.5 V Reference,
V1 = 21.2 mV rms, V2 = 116.7 mV rms
POWER SUPPLY
For Specified Performance
VDD
4.75
V min
5 V – 5%
5.25
V max
5 V + 5%
IDD
5
mA max
Typically 4 mA
NOTES
1See Terminology section for explanation of specifications.
2See plots in Typical Performance Characteristics.
3Sample tested during initial release and after any redesign or process change that may affect this parameter.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com