Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7757 Datasheet(PDF) 3 Page - Analog Devices

Part # ADE7757
Description  Energy Metering IC with Integrated Oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7757 Datasheet(HTML) 3 Page - Analog Devices

  ADE7757_15 Datasheet HTML 1Page - Analog Devices ADE7757_15 Datasheet HTML 2Page - Analog Devices ADE7757_15 Datasheet HTML 3Page - Analog Devices ADE7757_15 Datasheet HTML 4Page - Analog Devices ADE7757_15 Datasheet HTML 5Page - Analog Devices ADE7757_15 Datasheet HTML 6Page - Analog Devices ADE7757_15 Datasheet HTML 7Page - Analog Devices ADE7757_15 Datasheet HTML 8Page - Analog Devices ADE7757_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. A
ADE7757
–3–
TIMING CHARACTERISTICS1, 2
Parameter
A, B Versions
Unit
Test Conditions/Comments
t1
3
244
ms
F1 and F2 Pulse Width (Logic Low).
t2
See Table II
sec
Output Pulse Period. See Transfer Function section.
t3
1/2 t2
sec
Time between F1 Falling Edge and F2 Falling Edge.
t4
3, 4
173
ms
CF Pulse Width (Logic High).
t5
See Table III
sec
CF Pulse Period. See Transfer Function section.
t6
2
µs
Minimum Time between F1 and F2 Pulses.
NOTES
1Sample tested during initial release and after any redesign or process change that may affect this parameter.
2See Figure 1.
3The pulse widths of F1, F2, and CF are not fixed for higher output frequencies. See Frequency Outputs section.
4The CF pulse is always 35
µs in the high frequency mode. See Frequency Outputs section and Table III.
Specifications subject to change without notice.
(VDD = 5 V
5%, AGND = DGND = 0 V, On-Chip Reference, RCLKIN = 6.2 k
Ω,
0.5%
50 ppm/ C, TMIN to TMAX = –40 C to +85 C, unless otherwise noted.)
F1
F2
CF
t1
t5
t4
t2
t6
t3
Figure 1. Timing Diagram for Frequency Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com