Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7762 Datasheet(PDF) 11 Page - Analog Devices

Part # ADE7762
Description  Polyphase Energy Metering IC with Phase Drop Indication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7762 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADE7762_15 Datasheet HTML 7Page - Analog Devices ADE7762_15 Datasheet HTML 8Page - Analog Devices ADE7762_15 Datasheet HTML 9Page - Analog Devices ADE7762_15 Datasheet HTML 10Page - Analog Devices ADE7762_15 Datasheet HTML 11Page - Analog Devices ADE7762_15 Datasheet HTML 12Page - Analog Devices ADE7762_15 Datasheet HTML 13Page - Analog Devices ADE7762_15 Datasheet HTML 14Page - Analog Devices ADE7762_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADE7762
Rev. 0 | Page 11 of 28
TERMINOLOGY
Measurement Error
The error associated with the energy measurement made by the
ADE7762 is defined by the following formula:
Percentage Error =
%
100
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
y
True Energ
y
True Energ
–
ADE7762
istered by
Energy Reg
(1)
Error Between Channels
The high-pass filter (HPF) in the current channel has a phase
lead response. To offset this phase response and equalize the
phase response between channels, a phase correction network
is placed in the current channel. The phase correction network
ensures a phase match between the current channels and the
voltage channels to within ±0.1° over a range of 45 Hz to 65 Hz
and ±0.2° over a range of 40 Hz to 1 kHz (see Figure 24 and
Figure 25).
Power Supply Rejection (PSR)
This quantifies the ADE7762 measurement error as a percent-
age of reading when the power supplies are varied.
For the ac PSR measurement, a reading at a nominal supply
(5 V) is taken. A 200 mV rms/100 Hz signal is then introduced
onto the supply, and a second reading is obtained under the
same input signal levels. Any error introduced is expressed as a
percentage of reading. See the definition for Measurement Error.
For the dc PSR measurement, a reading at nominal supplies
(5 V) is taken. The supply is then varied ±5%, and a second
reading is obtained with the same input signal levels. Any
error introduced is again expressed as a percentage of reading.
ADC Offset Error
This refers to the dc offset associated with the analog inputs
to the ADCs. It means that with the analog inputs connected
to AGND, the ADCs still see an analog input signal offset.
However, because the HPF is always present, the offset is re-
moved from the current channel, and the power calculation
is not affected by this offset.
Gain Error
The gain error of the ADE7762 is defined as the difference
between the measured output frequency (minus the offset)
and the ideal output frequency. The difference is expressed
as a percentage of the ideal frequency. The ideal frequency is
obtained from the ADE7762 transfer function (see the Transfer
Function section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com