Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7762 Datasheet(PDF) 12 Page - Analog Devices

Part # ADE7762
Description  Polyphase Energy Metering IC with Phase Drop Indication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7762 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADE7762_15 Datasheet HTML 8Page - Analog Devices ADE7762_15 Datasheet HTML 9Page - Analog Devices ADE7762_15 Datasheet HTML 10Page - Analog Devices ADE7762_15 Datasheet HTML 11Page - Analog Devices ADE7762_15 Datasheet HTML 12Page - Analog Devices ADE7762_15 Datasheet HTML 13Page - Analog Devices ADE7762_15 Datasheet HTML 14Page - Analog Devices ADE7762_15 Datasheet HTML 15Page - Analog Devices ADE7762_15 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADE7762
Rev. 0 | Page 12 of 28
THEORY OF OPERATION
The six signals from the current and voltage transducers are
digitized with ADCs. These ADCs are 16-bit, second-order
∑-Δ devices with an oversampling rate of 833 kHz. This analog
input structure greatly simplifies transducer interface by
providing a wide dynamic range and bipolar input for direct
connection to the transducer. High-pass filters in the current
channels remove the dc component from the current signals.
This eliminates any inaccuracies in the active power calculation
due to offsets in the voltage or current signals (see the HPF and
Offset Effects section).
The active power calculation is derived from the instantaneous
power signal. The instantaneous power signal is generated by a
direct multiplication of the current and voltage signals of each
phase. To extract the active power component, the dc compo-
nent, the instantaneous power signal is low-pass filtered on
each phase. Figure 12 illustrates the instantaneous active power
signal and shows how the active power information can be
extracted by low-pass filtering the instantaneous power signal.
This method is used to extract the active power information
on each phase of the polyphase system. The total active power
information is then obtained by adding the individual phase
active power. This scheme correctly calculates active power
for nonsinusoidal current and voltage waveforms at all power
factors. All signal processing is carried out in the digital domain
for superior stability over temperature and time.
The low frequency output of the ADE7762 is generated by
accumulating the total active power information. This low
frequency inherently means a long accumulation time between
output pulses. The output frequency is therefore proportional to
the average active power. This average active power information
can, in turn, be accumulated (for example, by a counter) to
generate active energy information. Because of its high output
frequency and, therefore, shorter integration time, the CF
output is proportional to the instantaneous active power. This
pulse is useful for system calibration purposes that take place
under steady load conditions.
POWER FACTOR CONSIDERATIONS
Low-pass filtering, the method used to extract the active power
information from the individual instantaneous power signal, is
still valid when the voltage and current signals of each phase are
not in phase. Figure 13 displays the unity power factor condition
and a displacement power factor (DPF) of 0.5, that is, current
signal lagging the voltage by 60° for one phase of the polyphase.
Assuming that the voltage and current waveforms are sinusoi-
dal, the active power component of the instantaneous power
signal (the dc term) is given by
()
°
×
⎟
⎠
⎞
⎜
⎝
⎛ ×
60
cos
2
1
V
(2)
This is the correct active power calculation.
TIME
IAP
IAN
VAP
HPF
LPF
IBP
IBN
VBP
ICP
ICN
VCP
VN
F1
F2
CF
INSTANTANEOUS
ACTIVE POWER SIGNAL
INSTANTANEOUS
POWER SIGNAL - p(t)
VA × IA + VB × IB +
VC × IC
2
ABS
|X|
LPF
LPF
|X|
|X|
p(t) = i(t) × v(t)
WHERE:
2
{1+ cos (2ωt)}
v(t) = V × cos (ωt)
i(t) = I × cos (ωt)
p(t) = V × I
V× I
2
V× I
V × I
2
MULTIPLIER
MULTIPLIER
MULTIPLIER
HPF
HPF
ADC
ADC
ADC
ADC
ADC
ADC
INSTANTANEOUS
TOTAL POWER
SIGNAL
DIGITAL-TO-FREQUENCY
DIGITAL-TO-FREQUENCY
Figure 12. Signal Processing Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com