Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7762 Datasheet(PDF) 14 Page - Analog Devices

Part # ADE7762
Description  Polyphase Energy Metering IC with Phase Drop Indication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7762 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADE7762_15 Datasheet HTML 10Page - Analog Devices ADE7762_15 Datasheet HTML 11Page - Analog Devices ADE7762_15 Datasheet HTML 12Page - Analog Devices ADE7762_15 Datasheet HTML 13Page - Analog Devices ADE7762_15 Datasheet HTML 14Page - Analog Devices ADE7762_15 Datasheet HTML 15Page - Analog Devices ADE7762_15 Datasheet HTML 16Page - Analog Devices ADE7762_15 Datasheet HTML 17Page - Analog Devices ADE7762_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADE7762
Rev. 0 | Page 14 of 28
ANALOG INPUTS
CURRENT CHANNELS
The voltage outputs from the current transducers are connected
to the ADE7762 current channels, which are fully differential
voltage inputs. IAP, IBP, and ICP are the positive inputs for IAN,
IBN, and ICN, respectively.
The maximum peak differential signal on the current channel
should be less than ±500 mV (353 mV rms for a pure sinusoidal
signal) for the specified operation.
DIFFERENTIAL INPUT
±500mV MAX PEAK
+500mV
AGND
VCM
IA
IAP
VCM
–500mV
COMMON-MODE
±25mV MAX
IAN
IAP–IAN
Figure 14. Maximum Signal Levels, Current Channel
The maximum signal levels on IAP and IAN are shown in
Figure 14. The maximum differential voltage between IAP
and IAN is ±500 mV. The differential voltage signal on the
inputs must be referenced to a common mode, for example,
AGND. The maximum common-mode signal shown in
Figure 14 is ±25 mV.
VOLTAGE CHANNELS
The output of the line voltage transducer is connected to the
voltage inputs of the ADE7762. Voltage channels are pseudo-
differential voltage inputs. VAP, VBP, and VCP are the positive
inputs with respect to VN.
The maximum peak differential signal on the voltage channel is
±500 mV (353 mV rms for a pure sinusoidal signal) for a speci-
fied operation.
Figure 15 illustrates the maximum signal levels that can be
connected to the ADE7762 voltage channels.
DIFFERENTIAL INPUT
±500mV MAX PEAK
+500mV
AGND
VCM
VA
VAP
VCM
–500mV
COMMON-MODE
±25mV MAX
VN
VAP–VN
Figure 15. Maximum Signal Levels, Voltage Channel
Voltage channels must be driven from a common-mode voltage,
that is, the differential voltage signal on the input must be refer-
enced to a common mode (usually AGND). The analog inputs
of the ADE7762 can be driven with common-mode voltages of
up to 25 mV with respect to AGND. However, best results are
achieved using a common mode equal to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com