Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7762 Datasheet(PDF) 26 Page - Analog Devices

Part # ADE7762
Description  Polyphase Energy Metering IC with Phase Drop Indication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7762 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADE7762_15 Datasheet HTML 20Page - Analog Devices ADE7762_15 Datasheet HTML 21Page - Analog Devices ADE7762_15 Datasheet HTML 22Page - Analog Devices ADE7762_15 Datasheet HTML 23Page - Analog Devices ADE7762_15 Datasheet HTML 24Page - Analog Devices ADE7762_15 Datasheet HTML 25Page - Analog Devices ADE7762_15 Datasheet HTML 26Page - Analog Devices ADE7762_15 Datasheet HTML 27Page - Analog Devices ADE7762_15 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ADE7762
Rev. 0 | Page 26 of 28
NO-LOAD THRESHOLD
The ADE7762 includes an innovative no-load threshold detection
scheme that detects if a current input, when multiplied with any
of the three voltage inputs, cannot create power larger than a no-
load threshold. This threshold represents 0.0075% of the full-
scale output frequency.
For example, if the A, B, and C voltage phases are 50% of full-
scale input and 120° apart, and Current Phase A is 10% of full
scale with a PF = 0, this detection scheme detects that VA × IA
is below the no-load threshold but that VB × IA and VC × IA are
not. Therefore, the ADE7762 does not detect a no-load threshold
for VA × IA and lets this phase contribute to the total power.
However, in the same voltage conditions, if Current Phase A is
0.0075% of full scale with a PF = 1, this detection scheme detects
that VA × IA is below the no-load threshold. Because VB × IA
and VC × IA are as well, VA × IA is detected as below the no-load
threshold, and its contribution to the total power is stopped.
The no-load threshold is given as 0.0075% of the full-scale
output frequency for each of the f1 to 7 frequencies (see Table 10).
For example, for an energy meter with a 100 imp/kWh meter
constant using f1 to 7 (4.49 Hz), the minimum output frequency
at F1 or F2 is 1.38 × 10−4 Hz. This is 2.21 × 10−3 Hz at CF
(16 × F1 Hz). In this example, the no-load threshold is equiva-
lent to 4.8 W of load, or a start-up current of 20.7 mA at 240 V.
Table 10. CF, F1, and F2 Minimum Frequency at No-Load
Threshold
SCF
S1
S0
F1, F2 Minimum (Hz)
CF Minimum (Hz)
0
0
0
6.92E − 05
1.11E − 03
1
0
0
1.38E − 04
1.11E − 03
0
0
1
3.46E − 05
1.11E − 03
1
0
1
1.38E − 04
2.21E − 03
0
1
0
1.57E − 04
2.51E − 02
1
1
0
3.46E − 05
5.53E − 04
0
1
1
1.73E − 05
5.53E − 04
1
1
1
1.753 − 05
2.77E − 04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com