Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7762 Datasheet(PDF) 25 Page - Analog Devices

Part # ADE7762
Description  Polyphase Energy Metering IC with Phase Drop Indication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7762 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADE7762_15 Datasheet HTML 20Page - Analog Devices ADE7762_15 Datasheet HTML 21Page - Analog Devices ADE7762_15 Datasheet HTML 22Page - Analog Devices ADE7762_15 Datasheet HTML 23Page - Analog Devices ADE7762_15 Datasheet HTML 24Page - Analog Devices ADE7762_15 Datasheet HTML 25Page - Analog Devices ADE7762_15 Datasheet HTML 26Page - Analog Devices ADE7762_15 Datasheet HTML 27Page - Analog Devices ADE7762_15 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ADE7762
Rev. 0 | Page 25 of 28
SELECTING A FREQUENCY FOR AN ENERGY METER APPLICATION
As shown in Table 5, the user can select one of seven frequencies.
This frequency selection determines the maximum frequency on
F1 and F2. These outputs are intended to be used to drive the
energy register (electromechanical or other). Because seven
different output frequencies can be selected, the available
frequency selection has been optimized for a 3-phase, 4-wire
service with a meter constant of 100 imp/kWh and a maximum
current of between 10 A and 100 A. Table 8 shows the output
frequency for several maximum currents (IMAX) with a line
voltage of 220 V (phase neutral). In all cases, the meter constant
is 100 imp/kWh.
Table 8. F1 and F2 Frequency at 100 imp/kWh
IMAX (A)
F1 and F2 (Hz)
10
0.18
25
0.46
40
0.73
60
1.10
80
1.47
100
1.83
The f1 to 7 frequencies allow complete coverage of this range of
output frequencies on F1 and F2. When designing an energy
meter, the nominal design voltage on the voltage channels
should be set to half scale to allow for calibration of the meter
constant. The current channel should also be no more than
half scale when the meter sees maximum load. This allows
overcurrent signals and signals with high crest factors to be
accommodated. Table 9 shows the output frequency on F1
and F2 when all six analog inputs are half scale.
Table 9. F1 and F2 Frequency with Half-Scale AC Inputs
SCF
S1
S0
f1 to 7 (Hz)
Frequency on F1 and F2
(Half-Scale AC Inputs) (Hz)
0
0
0
2.24
0.23
1
0
0
4.49
0.46
0
0
1
1.12
0.12
1
0
1
4.49
0.46
0
1
0
5.09
0.52
1
1
0
1.12
0.12
0
1
1
0.56
0.06
1
1
1
0.56
0.06
When selecting a suitable f1 to 7 frequency for a meter design, the
frequency output at IMAX (maximum load) with a 100 imp/kWh
meter constant should be compared with Column 5 of Table 9.
The frequency that is closest in Table 9 determines the best
choice of frequency (f1 to 7). For example, if a 3-phase, 4-wire
Wye meter with a 25 A maximum current is being designed,
the output frequency on F1 and F2 with a 100 imp/kWh meter
constant is 0.46 Hz at 25 A and 220 V (see Table 8). Looking at
Table 9, the closest frequency to 0.46 Hz in Column 5 is 0.46 Hz.
Therefore, f1 to 7 = 4.49 Hz is selected for this design.
FREQUENCY OUTPUTS
Figure 2 shows a timing diagram for the various frequency
outputs. The outputs F1 and F2 are the low frequency outputs
that can be used to directly drive a stepper motor or electro-
mechanical impulse counter. The F1 and F2 outputs provide
two alternating high going pulses. The pulse width (t1) is set at
120 ms, and the time between the rising edges of F1 and F2 (t3)
is approximately half the period of F1 (t2). If, however, the
period of F1 and F2 falls below 550 ms (1.81 Hz), the pulse
width of F1 and F2 is set to half of their period. The maximum
output frequencies for F1 and F2 are shown in Table 6.
The high frequency CF output is intended to be used for
communications and calibration purposes. CF produces a
90 ms-wide active high pulse (t4) at a frequency proportional
to active power. The CF output frequencies are given in Table 7.
As in the case of F1 and F2, if the period of CF (t5) falls below
190 ms, the CF pulse width is set to half the period. For exam-
ple, if the CF frequency is 20 Hz, the CF pulse width is 25 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com