Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7769 Datasheet(PDF) 4 Page - Analog Devices

Part # ADE7769
Description  Energy Metering IC with Integrated Oscillator and No-Load Indication
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7769 Datasheet(HTML) 4 Page - Analog Devices

  ADE7769_15 Datasheet HTML 1Page - Analog Devices ADE7769_15 Datasheet HTML 2Page - Analog Devices ADE7769_15 Datasheet HTML 3Page - Analog Devices ADE7769_15 Datasheet HTML 4Page - Analog Devices ADE7769_15 Datasheet HTML 5Page - Analog Devices ADE7769_15 Datasheet HTML 6Page - Analog Devices ADE7769_15 Datasheet HTML 7Page - Analog Devices ADE7769_15 Datasheet HTML 8Page - Analog Devices ADE7769_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADE7769
Rev. A | Page 4 of 20
Parameter
Value
Unit
Test Conditions/Comments
POWER SUPPLY
For specified performance
VDD
4.75
V min
5 V – 5%
5.25
V max
5 V + 5%
IDD
5
mA max
Typically 4 mA
1 See the Terminology section for an explanation of specifications.
2 See the figures in the Typical Performance Characteristics section.
3 Sample tested during initial release and after any redesign or process change that may affect this parameter.
TIMING CHARACTERISTICS
VDD = 5 V ± 5%, AGND = DGND = 0 V, on-chip reference, RCLKIN = 6.2 kΩ, 0.5% ± 50 ppm/°C, TMIN to TMAX = −40°C to +85°C,
unless otherwise noted. Sample tested during initial release and after any redesign or process change that may affect this parameter.
See Figure 2.
Table 2.
Parameter
Specifications
Unit
Test Conditions/Comments
t11
120
ms
F1 and F2 pulse width (logic low).
t2
See Table 6
sec
Output pulse period. See the Transfer Function section.
t3
1/2 t2
sec
Time between the F1 and F2 falling edges.
t41, 2
90
ms
CF pulse width (logic high).
t5
See Table 7
sec
CF pulse period. See the Transfer Function section.
t6
2
μs
Minimum time between the F1 and F2 pulses.
1 The pulse widths of F1, F2, and CF are not fixed for higher output frequencies. See the Frequency Outputs section.
2 The CF pulse is always 35 μs in high frequency mode. See the Frequency Outputs section and Table 7.
F1
F2
CF
t1
t5
t4
t2
t6
t3
Figure 2. Timing Diagram for Frequency Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com