Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7769 Datasheet(PDF) 7 Page - Analog Devices

Part # ADE7769
Description  Energy Metering IC with Integrated Oscillator and No-Load Indication
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7769 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADE7769_15 Datasheet HTML 3Page - Analog Devices ADE7769_15 Datasheet HTML 4Page - Analog Devices ADE7769_15 Datasheet HTML 5Page - Analog Devices ADE7769_15 Datasheet HTML 6Page - Analog Devices ADE7769_15 Datasheet HTML 7Page - Analog Devices ADE7769_15 Datasheet HTML 8Page - Analog Devices ADE7769_15 Datasheet HTML 9Page - Analog Devices ADE7769_15 Datasheet HTML 10Page - Analog Devices ADE7769_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADE7769
Rev. A | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VDD 1
V2P
2
V2N
3
V1N
4
F1
16
F2
15
CF
14
DGND
13
V1P
5
REVP
12
AGND
6
RCLKIN
11
REFIN/OUT 7
S0
10
SCF
8
S1
9
ADE7769
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Power Supply. This pin provides the supply voltage for the circuitry in the ADE7769. The supply voltage
should be maintained at 5 V ± 5% for specified operation. This pin should be decoupled with a 10 μF
capacitor in parallel with a 100 nF ceramic capacitor.
2, 3
V2P, V2N
Analog Inputs for Channel V2 (Voltage Channel). These inputs provide a fully differential input pair. The
maximum differential input voltage is ±165 mV for specified operation. Both inputs have internal ESD
protection circuitry; an overvoltage of ±6 V can be sustained on these inputs without risk of permanent
damage.
4, 5
V1N, V1P
Analog Inputs for Channel V1 (Current Channel). These inputs are fully differential voltage inputs with a
maximum signal level of ±30 mV with respect to the V1N pin for specified operation. Both inputs have
internal ESD protection circuitry and, in addition, an overvoltage of ±6 V can be sustained on these inputs
without risk of permanent damage.
6
AGND
This pin provides the ground reference for the analog circuitry in the ADE7769, that is, the ADCs and
reference. This pin should be tied to the analog ground plane of the PCB. The analog ground plane is the
ground reference for all analog circuitry, such as antialiasing filters, current and voltage sensors, and so forth.
For accurate noise suppression, the analog ground plane should be connected to the digital ground plane at
only one point. A star ground configuration helps to keep noisy digital currents away from the analog
circuits.
7
REFIN/OUT
This pin provides access to the on-chip voltage reference. The on-chip reference has a nominal value of 2.45 V
and a typical temperature coefficient of 20 ppm/°C. An external reference source may also be connected at
this pin. In either case, this pin should be decoupled to AGND with a 1 μF tantalum capacitor and a 100 nF
ceramic capacitor. The internal reference cannot be used to drive an external load.
8
SCF
Select Calibration Frequency. This logic input is used to select the frequency on the calibration output CF. See
Table 7.
9, 10
S1, S0
These logic inputs are used to select one of four possible frequencies for the digital-to-frequency conversion.
With this logic input, designers have greater flexibility when designing an energy meter. See the Selecting a
Frequency for an Energy Meter Application section.
11
RCLKIN
To enable the internal oscillator as a clock source to the chip, a precise low temperature drift resistor at a
nominal value of 6.2 kΩ must be connected from this pin to DGND.
12
REVP
This logic output goes high when negative power is detected, that is, when the phase angle between the
voltage and current signals is greater than 90°. This output is not latched and is reset when positive power is
once again detected. The output goes high or low at the same time that a pulse is issued on CF.
13
DGND
This pin provides the ground reference for the digital circuitry in the ADE7769, that is, the multiplier, filters,
and digital-to-frequency converter. This pin should be tied to the digital ground plane of the PCB. The digital
ground plane is the ground reference for all digital circuitry, such as the counters (mechanical and digital),
MCUs, and indicator LEDs. For accurate noise suppression, the analog ground plane should be connected to
the digital ground plane at one point only—a star ground.
14
CF
Calibration Frequency Logic Output. The CF logic output provides instantaneous real power information. This
output is intended for calibration purposes. See the SCF pin description. This output stays high when the part
is in a no-load condition.
15, 16
F2, F1
Low Frequency Logic Outputs. F1 and F2 supply average real power information. The logic outputs can be
used to directly drive electromechanical counters and 2-phase stepper motors. See the Transfer Function
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com