Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7769 Datasheet(PDF) 3 Page - Analog Devices

Part # ADE7769
Description  Energy Metering IC with Integrated Oscillator and No-Load Indication
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7769 Datasheet(HTML) 3 Page - Analog Devices

  ADE7769_15 Datasheet HTML 1Page - Analog Devices ADE7769_15 Datasheet HTML 2Page - Analog Devices ADE7769_15 Datasheet HTML 3Page - Analog Devices ADE7769_15 Datasheet HTML 4Page - Analog Devices ADE7769_15 Datasheet HTML 5Page - Analog Devices ADE7769_15 Datasheet HTML 6Page - Analog Devices ADE7769_15 Datasheet HTML 7Page - Analog Devices ADE7769_15 Datasheet HTML 8Page - Analog Devices ADE7769_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADE7769
Rev. A | Page 3 of 20
SPECIFICATIONS
VDD = 5 V ± 5%, AGND = DGND = 0 V, on-chip reference, RCLKIN = 6.2 kΩ, 0.5% ± 50 ppm/°C, TMIN to TMAX = −40°C to +85°C,
unless otherwise noted.
Table 1.
Parameter
Value
Unit
Test Conditions/Comments
ACCURACY1, 2
Measurement Error1 on Channel V1
0.1
% reading typ
Channel V2 with full-scale signal (±165 mV),
25°C over a dynamic range 500 to 1,
line frequency = 45 Hz to 65 Hz
Phase Error1 Between Channels
V1 Phase Lead 37° (PF = 0.8 Capacitive)
±0.1
Degrees (°) max
V1 Phase Lag 60° (PF = 0.5 Inductive)
±0.1
Degrees (°) max
AC Power Supply Rejection1
Output Frequency Variation (CF)
0.2
% reading typ
S0 = S1 = 1, V1 = 21.2 mV rms, V2 = 116.7 mV rms @
50 Hz, ripple on VDD of 200 mV rms @ 100 Hz
DC Power Supply Rejection1
Output Frequency Variation (CF)
±0.3
% reading typ
S0 = S1 = 1, V1 = 21.2 mV rms, V2 = 116.7 mV rms,
VDD = 5 V ± 250 mV
ANALOG INPUTS
See the Analog Inputs section
Channel V1 Maximum Signal Level
±30
mV max
V1P and V1N to AGND
Channel V2 Maximum Signal Level
±165
mV max
V2P and V2N to AGND
Input Impedance (DC)
320
kΩ min
OSC = 450 kHz, RCLKIN = 6.2 kΩ, 0.5% ± 50 ppm/°C
Bandwidth (–3 dB)
7
kHz nominal
OSC = 450 kHz, RCLKIN = 6.2 kΩ, 0.5% ± 50 ppm/°C
ADC Offset Error1, 2
±18
mV max
See the Terminology and Typical Performance
Characteristics sections
Gain Error1
±4
% ideal typ
External 2.5 V reference, V1 = 21.2 mV rms,
V2 = 116.7 mV rms
OSCILLATOR FREQUENCY (OSC)
450
kHz nominal
RCLKIN = 6.2 kΩ, 0.5% ± 50 ppm/°C
Oscillator Frequency Tolerance1
±12
% reading typ
Oscillator Frequency Stability1
±30
ppm/°C typ
REFERENCE INPUT
REFIN/OUT Input Voltage Range
2.65
V max
2.45 V nominal
2.25
V min
2.45 V nominal
Input Capacitance
10
pF max
ON-CHIP REFERENCE
2.45 V nominal
Reference Error
±200
mV max
Temperature Coefficient
±20
ppm/°C typ
LOGIC INPUTS3
SCF, S0, S1
Input High Voltage, VINH
2.4
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
V max
VDD = 5 V ± 5%
Input Current, IIN
±1
μA max
Typically 10 nA, VIN = 0 V to VDD
Input Capacitance, CIN
10
pF max
LOGIC OUTPUTS3
F1 and F2
Output High Voltage, VOH
4.5
V min
ISOURCE = 10 mA, VDD = 5 V, ISINK = 10 mA, VDD = 5 V
Output Low Voltage, VOL
0.5
V max
CF
Output High Voltage, VOH
4
V min
ISOURCE = 5 mA, VDD = 5 V, ISINK = 5 mA, VDD = 5 V
Output Low Voltage, VOL
0.5
V max
Frequency Output Error1, 2 (CF)
±10
% ideal typ
External 2.5 V reference, V1 = 21.2 mV rms,
V2 = 116.7 mV rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com