Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7769 Datasheet(PDF) 6 Page - Analog Devices

Part # ADE7769
Description  Energy Metering IC with Integrated Oscillator and No-Load Indication
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7769 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADE7769_15 Datasheet HTML 2Page - Analog Devices ADE7769_15 Datasheet HTML 3Page - Analog Devices ADE7769_15 Datasheet HTML 4Page - Analog Devices ADE7769_15 Datasheet HTML 5Page - Analog Devices ADE7769_15 Datasheet HTML 6Page - Analog Devices ADE7769_15 Datasheet HTML 7Page - Analog Devices ADE7769_15 Datasheet HTML 8Page - Analog Devices ADE7769_15 Datasheet HTML 9Page - Analog Devices ADE7769_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADE7769
Rev. A | Page 6 of 20
TERMINOLOGY
Measurement Error
The error associated with the energy measurement made by the
ADE7769 is defined by the following formula:
100%
Energy
True
Energy
True
ADE7769
by
Registered
Energy
%Error
×
−
=
Phase Error Between Channels
The high-pass filter (HPF) in the current channel (Channel V1)
has a phase-lead response. To offset this phase response and
equalize the phase response between channels, a phase-
correction network is also placed in Channel V1. The phase-
correction network matches the phase to within 0.1° over a
range of 45 Hz to 65 Hz, and 0.2° over a range 40 Hz to 1 kHz
(see Figure 23 and Figure 24).
Power Supply Rejection (PSR)
This quantifies the ADE7769 measurement error as a
percentage of reading when the power supplies are varied.
For the ac PSR measurement, a reading at nominal supplies
(5 V) is taken. A 200 mV rms/100 Hz signal is then introduced
onto the supplies, and a second reading is obtained under the
same input signal levels. Any error introduced is expressed as a
percentage of reading—see the Measurement Error definition.
For the dc PSR measurement, a reading at nominal supplies
(5 V) is taken. The supplies are then varied 5% and a second
reading is obtained with the same input signal levels. Any error
introduced is again expressed as a percentage of the reading.
ADC Offset Error
This refers to the small dc signal (offset) associated with the
analog inputs to the ADCs. However, the HPF in Channel V1
eliminates the offset in the circuitry. Therefore, the power
calculation is not affected by this offset.
Frequency Output Error (CF)
The frequency output error of the ADE7769 is defined as the
difference between the measured output frequency (minus the
offset) and the ideal output frequency. The difference is
expressed as a percentage of the ideal frequency. The ideal
frequency is obtained from the ADE7769 transfer function.
Gain Error
The gain error of the ADE7769 is defined as the difference
between the measured output of the ADCs (minus the offset)
and the ideal output of the ADCs. The difference is expressed as
a percentage of the ideal of the ADCs.
Oscillator Frequency Tolerance
The oscillator frequency tolerance of the ADE7769 is defined as
the part-to-part frequency variation in terms of percentage
at room temperature (25°C). It is measured by taking the
difference between the measured oscillator frequency and the
nominal frequency defined in the Specifications section.
Oscillator Frequency Stability
Oscillator frequency stability is defined as frequency variation
in terms of the parts-per-million drift over the operating
temperature range. In a metering application, the temperature
range is −40°C to +85°C. Oscillator frequency stability is
measured by taking the difference between the measured
oscillator frequency at −40°C and +85°C and the measured
oscillator frequency at +25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com