Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7769 Datasheet(PDF) 9 Page - Analog Devices

Part # ADE7769
Description  Energy Metering IC with Integrated Oscillator and No-Load Indication
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7769 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADE7769_15 Datasheet HTML 5Page - Analog Devices ADE7769_15 Datasheet HTML 6Page - Analog Devices ADE7769_15 Datasheet HTML 7Page - Analog Devices ADE7769_15 Datasheet HTML 8Page - Analog Devices ADE7769_15 Datasheet HTML 9Page - Analog Devices ADE7769_15 Datasheet HTML 10Page - Analog Devices ADE7769_15 Datasheet HTML 11Page - Analog Devices ADE7769_15 Datasheet HTML 12Page - Analog Devices ADE7769_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADE7769
Rev. A | Page 9 of 20
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
FREQUENCY (Hz)
50
45
55
60
65
PF = 0.5 IND
PF = 0.5 CAP
PF = 1
Figure 9. Error as a % of Reading over Input Frequency
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
CURRENT CHANNEL (% of Full Scale)
0.1
10
1
100
0.8
1.0
5.25V
5V
4.75V
PF = 1
ON-CHIP REFERENCE
Figure 10. PSR with On-Chip Reference, PF = 1
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
CURRENT CHANNEL (% of Full Scale)
0.1
10
1
100
0.8
1.0
5.25V
5V
4.75V
PF = 1
EXTERNAL REFERENCE
Figure 11. PSR with External Reference, PF = 1
40
CHANNEL V1 OFFSET (mV)
–5 –4 –3 –2 –1
0123456
789
EXTERNAL REFERENCE
TEMPERATURE = 25
°C
0
10
20
30
DISTRIBUTION CHARACTERISTICS
MEAN = 2.247828
SDs = 1.367176
MIN = –2.09932
MAX = +5.28288
NO. OF POINTS = 100
Figure 12. Channel V1 Offset Distribution
0
10
20
30
40
50
CHANNEL V2 OFFSET (mV)
–12 –10
–8
–6
–4
–2
0
2468
10
12
EXTERNAL REFERENCE
TEMPERATURE = 25
°C
DISTRIBUTION CHARACTERISTICS
MEAN = –1.563484
SDs = 2.040699
MIN = –6.82969
MAX = +2.6119
NO. OF POINTS = 100
Figure 13. Channel V2 Offset Distribution
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
0
200
400
600
800
1000
DEVIATION FROM MEAN (%)
EXTERNAL REFERENCE
TEMPERATURE = 25
°C
DISTRIBUTION CHARACTERISTICS
MEAN = 0%
SDs = 1.55%
MIN = –11.79%
MAX = +6.08%
NO. OF POINTS = 3387
Figure 14. Part-to-Part CF Deviation from Mean



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com