Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3410 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3410
Description  This application note describes an LED driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3410 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3410 Datasheet HTML 2Page - STMicroelectronics AN3410 Datasheet HTML 3Page - STMicroelectronics AN3410 Datasheet HTML 4Page - STMicroelectronics AN3410 Datasheet HTML 5Page - STMicroelectronics AN3410 Datasheet HTML 6Page - STMicroelectronics AN3410 Datasheet HTML 7Page - STMicroelectronics AN3410 Datasheet HTML 8Page - STMicroelectronics AN3410 Datasheet HTML 9Page - STMicroelectronics AN3410 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Circuit description
AN3410
6/28
Doc ID 018890 Rev 1
2.3
Controlling the LED average current
The control circuit works by controlling average input power. For this explanation, it is
assumed that the power converter efficiency is constant over the range of line voltage and
LED voltage. Therefore, average output power is also controlled.
Linear approximation of input power
Over a narrow range of line voltage, the sum of scaled average line voltage and scaled
average line current closely approximates a constant power curve. If the sum is held
constant, the input power can be held approximately constant by a feedback circuit.
Figure 4.
Constant-power V-I curve and linear approximation
Figure 5 below shows the approximation’s error over a typical line voltage range.
Figure 5.
Linear approximation error
This will be explained in more detail later.
Obtaining the line voltage reference
In previous work it was found that the reference waveform for the inverted step-down
switching regulator should be taken from the negative output terminal for best power factor.
This point gives a line current waveform that goes to zero around the zero crossings and
rises (and falls) more rapidly than the line voltage sine wave. (The converter input current
goes to zero when line voltage falls below the DC output voltage.) The resulting line current
can be seen in the scope photos. It’s ugly, but the power factor is excellent and THD is
acceptable.
Average line voltage (minus the LED voltage) is derived from the peak voltage at the bottom
of the LED string by R6, R15, and R20. U1 contains a precision peak detector, which places



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com