Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3410 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3410
Description  This application note describes an LED driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3410 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3410 Datasheet HTML 16Page - STMicroelectronics AN3410 Datasheet HTML 17Page - STMicroelectronics AN3410 Datasheet HTML 18Page - STMicroelectronics AN3410 Datasheet HTML 19Page - STMicroelectronics AN3410 Datasheet HTML 20Page - STMicroelectronics AN3410 Datasheet HTML 21Page - STMicroelectronics AN3410 Datasheet HTML 22Page - STMicroelectronics AN3410 Datasheet HTML 23Page - STMicroelectronics AN3410 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Thermal stress
AN3410
20/28
Doc ID 018890 Rev 1
9
Thermal stress
It is not likely that the layout will be used as is by the customer. The temperatures below are
for guidance only – measurements were taken after 30 minutes operation, in open air, on
the workbench, in a 25.3 °C ambient, 120 V input, 18 LED load. The board axis was
horizontal, board position vertical. L3 was above L2.
Table 2.
Thermal stress
Component
Temperature
L2
40.3
BR1
62.4
Q2
52.5
L1
51.4
L3
46.1
U1
42.3
D1
59.3
C2
32.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com