Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3410 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3410
Description  This application note describes an LED driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3410 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3410 Datasheet HTML 14Page - STMicroelectronics AN3410 Datasheet HTML 15Page - STMicroelectronics AN3410 Datasheet HTML 16Page - STMicroelectronics AN3410 Datasheet HTML 17Page - STMicroelectronics AN3410 Datasheet HTML 18Page - STMicroelectronics AN3410 Datasheet HTML 19Page - STMicroelectronics AN3410 Datasheet HTML 20Page - STMicroelectronics AN3410 Datasheet HTML 21Page - STMicroelectronics AN3410 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Startup
AN3410
18/28
Doc ID 018890 Rev 1
7
Startup
Startup scope photo - cold start, everything discharged, 7 LEDs, 120 V input.
Trace colors:
–
Yellow AC line, 100 V/div, ref +2 div
–
Blue LED voltage, 10 V/div, ref -3 div
–
Green LED current, 100 mA/div, ref -3 div
Figure 16.
Startup waveforms
This startup time is too long for some applications. Some circuitry should be added to
increase the current limit during startup. An R-C series network could be added from U1 pin
1 to ground (pin 8). The network would have no effect once the feedback loop takes over –
the voltage on pin 1 is stable at 2.5 V.
The time can also be reduced by reducing the value of R7, but this will reduce efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com