Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3410 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3410
Description  This application note describes an LED driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3410 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3410 Datasheet HTML 4Page - STMicroelectronics AN3410 Datasheet HTML 5Page - STMicroelectronics AN3410 Datasheet HTML 6Page - STMicroelectronics AN3410 Datasheet HTML 7Page - STMicroelectronics AN3410 Datasheet HTML 8Page - STMicroelectronics AN3410 Datasheet HTML 9Page - STMicroelectronics AN3410 Datasheet HTML 10Page - STMicroelectronics AN3410 Datasheet HTML 11Page - STMicroelectronics AN3410 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Circuit description
AN3410
8/28
Doc ID 018890 Rev 1
Stirring in the LED voltage
Compensation for LED voltage changes follows two paths in this design:
–
by direct subtraction of the LED voltage from the line voltage (path 1)
–
from the transformed LED voltage on C9 through R12 (path 2).
Path 1
An increase of LED voltage will reduce the voltage at U1 pin 5. This reduces current through
R14. The feedback loop will then call for more line current to compensate.
Path 2
The voltage compensation obtained from the 18-LED load is not quite sufficient to flatten the
LED current over the expected range of LED voltage, so the second path through R12 is
also implemented. The LED voltage (multiplied by L1’s turns ratio) is available on D4’s
cathode, filtered by C9. Current proportional to this voltage is delivered to U2’s inverting
input by R12. The reference for the operating point is thus compensated by the LED voltage.
The figures below show the results of compensating the input current setting for load
voltage.
Figure 6.
Input current compensated for 3 levels of output power
In Figure 6 the reference has been compensated by adding a current proportional to the
LED voltage. Three levels of input power are shown, corresponding to LED voltages of 10%
below nominal, nominal, and 10% above nominal. Figure 7 below shows the error between
the approximations and the ideal values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com