Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3410 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3410
Description  This application note describes an LED driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3410 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3410 Datasheet HTML 1Page - STMicroelectronics AN3410 Datasheet HTML 2Page - STMicroelectronics AN3410 Datasheet HTML 3Page - STMicroelectronics AN3410 Datasheet HTML 4Page - STMicroelectronics AN3410 Datasheet HTML 5Page - STMicroelectronics AN3410 Datasheet HTML 6Page - STMicroelectronics AN3410 Datasheet HTML 7Page - STMicroelectronics AN3410 Datasheet HTML 8Page - STMicroelectronics AN3410 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
September 2011
Doc ID 018890 Rev 1
1/28
AN3410
Application note
A 93% efficient LED driver solution for the US market
Introduction
This application note describes an LED driver that meets present requirements for the US
market. It utilizes ST’s L6564 power factor controller in an unconventional circuit to regulate
the input power to a step-down switching regulator. The circuit also compensates for
variations in LED voltage drop, to maintain the average output current in a tight band over a
wide range of line voltage and LED characteristics. While the input current waveform is not
perfectly sinusoidal, power factor and harmonic content are well within the requirements for
the US commercial market. The form factor was designed to fit into the PAR38 envelope -
the driver and LEDs can be used to replace 65 W incandescent floodlamps.
■ Specifications:
– Output current 350 mA +/-3% over 90 V-138 V line range
– Load: 18 series-connected 1 W LEDs
– Efficiency > 93%
– Power factor > 0.97
– Dimmer safe
– Non-isolated
■ ST devices:
– L6564 transition-mode PFC controller
–STD5NM50 FET
– STTH1R04A fast recovery diode
– TS321AILT low power op amp
Figure 1.
Physical envelope
Figure 2.
STEVAL-ILL041V1 demonstration board picture
www.st.com


Similar Part No. - AN3410

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3412 STMICROELECTRONICS-AN3412 Datasheet
1,023Kb / 15P
The STEVAL-CCA028V1 is a demonstration board designed
15-Jun-2011
AN3413 STMICROELECTRONICS-AN3413 Datasheet
325Kb / 18P
STM32L1x current consumption measurement and touch sensing demonstration firmware
27-Jun-2013
More results

Similar Description - AN3410

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2727 STMICROELECTRONICS-AN2727 Datasheet
99Kb / 6P
This application note describes
03-Jun-2008
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
This application note describes the operations
18-Sep-2013
AN2511 STMICROELECTRONICS-AN2511 Datasheet
650Kb / 43P
This application note describes
25-Aug-2010
AN3233 STMICROELECTRONICS-AN3233 Datasheet
2Mb / 35P
This application note describes the characteristics
13-Jan-2011
AN1325 STMICROELECTRONICS-AN1325 Datasheet
233Kb / 15P
This application note describes
AN1471 STMICROELECTRONICS-AN1471 Datasheet
79Kb / 4P
This application note describes
09-Oct-2009
AN1603 STMICROELECTRONICS-AN1603 Datasheet
100Kb / 21P
This Application Note describes
AN1798 STMICROELECTRONICS-AN1798 Datasheet
182Kb / 16P
This application note describes
21-Nov-2007
AN2367 STMICROELECTRONICS-AN2367 Datasheet
122Kb / 13P
This application note describes an optimized memory copy
02-Jun-2008
AN3311 STMICROELECTRONICS-AN3311 Datasheet
2Mb / 58P
This application note describes
14-Dec-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com