Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4304 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4304
Description  How to filter the input of a high-side current sensing
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4304 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4304 Datasheet HTML 2Page - STMicroelectronics AN4304 Datasheet HTML 3Page - STMicroelectronics AN4304 Datasheet HTML 4Page - STMicroelectronics AN4304 Datasheet HTML 5Page - STMicroelectronics AN4304 Datasheet HTML 6Page - STMicroelectronics AN4304 Datasheet HTML 7Page - STMicroelectronics AN4304 Datasheet HTML 8Page - STMicroelectronics AN4304 Datasheet HTML 9Page - STMicroelectronics AN4304 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Solving the power supply problem
AN4304
6/20
DocID024731 Rev 1
Consid
ering a shunt of 0.05 Ω, the theoretical voltage seen at the input of the TSC103 is
150 mV. Due to the switching mode of the power supply, the provided 5 V has an
undesirable high frequency signal as shown in Figure 4: "Input pin+ voltage without
filtering". This high frequency signal may impact the functioning of the TSC103.
Figure 4: Input pin+ voltage without filtering
The power supply delivers a 5-V DC with a parasitic AC signal at 100 kHz and spikes at
high frequency (see Figure 5: "Differential voltage without filtering"). The question is how to
correctly filter the signal before treatment by the TSC103?
Figure 5: Differential voltage without filtering
0
0
10
20
20
30
40
40
50
0
0
1
2
2
3
4
4
5
6
6
7
8
8
9
Time (µs)
0
0
10
20
20
30
40
40
50
-0.7
-0.5
-0.5
-0.3
-0.2
0.0
0.0
0.2
0.3
0.5
0.5
0.7
Time (µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com