Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4304 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4304
Description  How to filter the input of a high-side current sensing
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4304 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4304 Datasheet HTML 1Page - STMicroelectronics AN4304 Datasheet HTML 2Page - STMicroelectronics AN4304 Datasheet HTML 3Page - STMicroelectronics AN4304 Datasheet HTML 4Page - STMicroelectronics AN4304 Datasheet HTML 5Page - STMicroelectronics AN4304 Datasheet HTML 6Page - STMicroelectronics AN4304 Datasheet HTML 7Page - STMicroelectronics AN4304 Datasheet HTML 8Page - STMicroelectronics AN4304 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
October 2013
DocID024731 Rev 1
1/20
www.st.com
AN4304
Application note
How to filter the input of a high-side current sensing
Nicolas Aupetit
Introduction
This application note explains how to filter the input signal of a current sensing. The approach is
especially useful for applications where the RF constraint is very important.
A high-side current sensing can amplify input differential signals at a common mode voltage well beyond
the power supply rail. This common mode voltage in a current-sense amplifier such as the TSC101 can
rise to 28 V. In the TSC103, it can go even higher. The device amplifies small voltages across a shunt
resistor on the high-voltage rail and feeds it to a low-voltage ADC which is generally embedded into a
microcontroller (Figure 1: "Typical application schematic"). In many applications, the current-sense
signal frequently needs to be filtered at the source, ie, across the sense resistor.
Figure 1: Typical application schematic


Similar Part No. - AN4304

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4300 STMICROELECTRONICS-AN4300 Datasheet
2Mb / 40P
Advanced light control and diagnostics using
17-Sep-2013
AN4305 STMICROELECTRONICS-AN4305 Datasheet
1Mb / 20P
Using the SPIRIT1 transceiver with range extender
24-Oct-2013
AN4308 STMICROELECTRONICS-AN4308 Datasheet
270Kb / 14P
The STCCxxxx devices also integrate the autodetect feature that supports both DCP
17-Jun-2013
More results

Similar Description - AN4304

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3312 IRF-IR3312 Datasheet
322Kb / 12P
PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
IR3310S IRF-IR3310S Datasheet
320Kb / 12P
PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
IR3311 IRF-IR3311 Datasheet
309Kb / 12P
PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
logo
STMicroelectronics
AN4366 STMICROELECTRONICS-AN4366 Datasheet
292Kb / 14P
Compensate the input offset of a high-side current sensing
05-Feb-2014
UM0457 STMICROELECTRONICS-UM0457 Datasheet
382Kb / 9P
How to use the BT_HTS_RX_R2
Sep-2007
AN442 STMICROELECTRONICS-AN442 Datasheet
63Kb / 5P
The aim of this note is to show how to connect
05-Apr-2004
STEVAL-ILL048V1 STMICROELECTRONICS-STEVAL-ILL048V1 Datasheet
164Kb / 4P
High-side current sensing feedback
27-Jan-2015
logo
Silicon Laboratories
AN746 SILABS-AN746 Datasheet
1Mb / 30P
How to configure the Si4012
logo
ON Semiconductor
NCS199A1R ONSEMI-NCS199A1R Datasheet
523Kb / 15P
Low- or High-Side Current Sensing
March, 2018 ??Rev. 1
NCS210R ONSEMI-NCS210R Datasheet
661Kb / 20P
Low- or High-Side Current Sensing
July, 2018 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com