Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4304 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4304
Description  How to filter the input of a high-side current sensing
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4304 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4304 Datasheet HTML 6Page - STMicroelectronics AN4304 Datasheet HTML 7Page - STMicroelectronics AN4304 Datasheet HTML 8Page - STMicroelectronics AN4304 Datasheet HTML 9Page - STMicroelectronics AN4304 Datasheet HTML 10Page - STMicroelectronics AN4304 Datasheet HTML 11Page - STMicroelectronics AN4304 Datasheet HTML 12Page - STMicroelectronics AN4304 Datasheet HTML 13Page - STMicroelectronics AN4304 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Common mode filtering
AN4304
10/20
DocID024731 Rev 1
In Figure 10: "Input pin+ voltage with Ccm perfectly matched", the high frequency on
common mode has been removed with the filter shown.
Figure 10: Input pin+ voltage with Ccm perfectly matched
Differential mode can also be filtered as shown in Figure 11: "Differential voltage with Ccm
perfectly matched". This is the best case scenario where the two filtered capacitances
(Ccm1 and Ccm2) are perfectly matched.
Figure 11: Differential voltage with Ccm perfectly matched
Unfortunately, the capacitances used for filtering are already matched at about 20 %. It is
important to take this into consideration because due to the mismatch of the capacitances
and resistances, the filter cut-off frequency may be a bit different between the two inputs. In
differential mode, this could cause an AC error. An AC error may in turn be amplified by the
current sensing and cause additional error.
0
0
100
200
200
300
400
400
500
2.5
3.0
3.0
3.5
4.0
4.0
4.5
5.0
5.0
Time (µs)
0
0
100
200
200
300
400
400
500
0.00
0.00
0.05
0.10
0.10
0.15
0.20
0.20
0.25
Time (µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com